Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41694 Datasheet(PDF) 8 Page - EPCOS

Part # B41694
Description  Aluminum electrolytic capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41694 Datasheet(HTML) 8 Page - EPCOS

Back Button B41694 Datasheet HTML 4Page - EPCOS B41694 Datasheet HTML 5Page - EPCOS B41694 Datasheet HTML 6Page - EPCOS B41694 Datasheet HTML 7Page - EPCOS B41694 Datasheet HTML 8Page - EPCOS B41694 Datasheet HTML 9Page - EPCOS B41694 Datasheet HTML 10Page - EPCOS B41694 Datasheet HTML 11Page - EPCOS B41694 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical data
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
m
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
∇ Variant with different case dimensions
VR = 25 V DC
470
100
160
400
65
60
5.3
4.6
3.6
2.35
2.35
1000
50
80
200
38
35
7.3
6.3
4.9
3.2
3.2
1500
35
55
150
26
24
10.0
8.7
6.8
4.4
4.4
1500
∇
32
51
150
22
20
10.7
9.3
7.3
4.7
4.7
1800
27
44
130
19
19
11.3
9.9
7.7
5.0
5.0
2200
22
35
110
15
14
14.6
12.7
9.9
6.4
6.4
3300
17
27
80
13
13
15.7
13.6
10.7
6.9
6.9
3900
14
22
60
10
10
19.8
17.2
13.5
8.7
8.7
VR = 40 V DC
330
120
200
450
65
60
5.7
4.9
3.9
2.5
2.5
470
85
140
350
47
44
6.6
5.8
4.5
2.9
2.9
680
60
100
250
38
36
7.3
6.3
5.0
3.2
3.2
1000
40
65
180
23
22
10.6
9.2
7.2
4.6
4.6
1200
35
57
140
21
20
11.4
9.8
7.7
5.0
5.0
1500
27
45
120
16
15
14.5
12.6
9.9
6.3
6.3
2200
21
33
85
13
13
15.8
13.8
10.8
6.9
6.9
2700
17
27
65
11
11
19.9
17.3
13.5
8.7
8.7
B41694, B41794
Low ESR
up to 140
°C
Page 8 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com