Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321M7 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LPV321M7
Description  Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321M7 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPV321M7 Datasheet HTML 10Page - Texas Instruments LPV321M7 Datasheet HTML 11Page - Texas Instruments LPV321M7 Datasheet HTML 12Page - Texas Instruments LPV321M7 Datasheet HTML 13Page - Texas Instruments LPV321M7 Datasheet HTML 14Page - Texas Instruments LPV321M7 Datasheet HTML 15Page - Texas Instruments LPV321M7 Datasheet HTML 16Page - Texas Instruments LPV321M7 Datasheet HTML 17Page - Texas Instruments LPV321M7 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application Information (Continued)
Two-op-amp Instrumentation Amplifier
A two-op-amp instrumentation amplifier can also be used to
make a high-input-impedance DC differential amplifier (Fig-
ure 7). As in the three-op-amp circuit, this instrumentation
amplifier requires precise resistor matching for good CMRR.
R
4 should equal to R1 and R3 should equal R2.
Single-Supply Inverting Amplifier
There may be cases where the input signal going into the
amplifier is negative. Because the amplifier is operating in
single supply voltage, a voltage divider using R
3 and R4 is
implemented to bias the amplifier so the input signal is within
the input common-common voltage range of the amplifier.
The capacitor C
1 is placed between the inverting input and
resistor R
1 to block the DC signal going into the AC signal
source, V
IN. The values of R1 and C1 affect the cutoff fre-
quency, fc = 1/2
π R
1C1.
As a result, the output signal is centered around mid-supply
(if the voltage divider provides V
+/2 at the non-inverting
input). The output can swing to both rails, maximizing the
signal-to-noise ratio in a low voltage system.
ACTIVE FILTER
Simple Low-Pass Active Filter
The simple low-pass filter is shown in Figure 9. Its low-
frequency gain(
ω → o) is defined by −R
3/R1. This allows
low-frequency gains other than unity to be obtained. The
filter has a −20 dB/decade roll-off after its corner frequency
fc. R
2 should be chosen equal to the parallel combination of
R
1 and R3 to minimize errors due to bais current. The
frequency response of the filter is shown in Figure 10
Note that the single-op-amp active filters are used in to the
applications that require low quality factor, Q (
≤ 10), low
frequency (
≤ 5 kHz), and low gain (≤ 10), or a small value for
the product of gain times Q (
≤ 100). The op amp should have
an open loop voltage gain at the highest frequency of inter-
est at least 50 times larger than the gain of the filter at this
frequency. In addition, the selected op amp should have a
slew rate that meets the following requirement:
Slew Rate
≥ 0.5x(ω
HV OPP)X10
−6V/µsec
Where
ω
H is the highest frequency of interest, and VOPP is
the output peak-to-peak voltage.
10092011
FIGURE 7. Two-op-amp Instrumentation Amplifier
10092013
FIGURE 8. Single-Supply Inverting Amplifier
10092014
FIGURE 9. Simple Low-Pass Active Filter
10092015
FIGURE 10. Frequency Response of Simple Low-pass
Active Filter in Figure 9
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com