Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN68090 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SN68090
Description  Speech Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN68090 Datasheet(HTML) 1 Page - SONiX Technology Company

  SN68090 Datasheet HTML 1Page - SONiX Technology Company SN68090 Datasheet HTML 2Page - SONiX Technology Company SN68090 Datasheet HTML 3Page - SONiX Technology Company SN68090 Datasheet HTML 4Page - SONiX Technology Company SN68090 Datasheet HTML 5Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN68090
Speech Controller
December 20, 2000
1
INTRODUCTION
SN68090 is a 90 seconds single chip voice synthesizer IC which contains I/O
pins and a tiny controller. By programming through the tiny controller, user’s
applications including section combination, trigger modes, output status, and
other logic functions can then be easily implemented.
FEATURES
Single power supply 2.4V - 5.1V
Built in a tiny controller
90 seconds voice capacity are provided
Two 4-bit I/O ports and two 4-bit output ports are provided
64*4 bits RAM are provided
Maximum 16k program ROM is provided
Readable ROM code data
Built in a high quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
Built in a dual tone melody generator
Speech/Dual tone melody mixer is provided
Fixed current D/A output is provided to drive external connected transistor
for sound output
Low Voltage Reset


Similar Part No. - SN68090

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN68004 SONIX-SN68004 Datasheet
111Kb / 5P
Speech Controller
SN68006 SONIX-SN68006 Datasheet
103Kb / 5P
Speech Controller
SN68009 SONIX-SN68009 Datasheet
104Kb / 5P
Speech Controller
SN68012 SONIX-SN68012 Datasheet
104Kb / 5P
Speech Controller
SN68016 SONIX-SN68016 Datasheet
103Kb / 5P
Speech Controller
More results

Similar Description - SN68090

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN67007 SONIX-SN67007 Datasheet
101Kb / 5P
Speech Controller
SN67013 SONIX-SN67013 Datasheet
102Kb / 4P
Speech Controller
SN67025 SONIX-SN67025 Datasheet
103Kb / 4P
Speech Controller
SN67040 SONIX-SN67040 Datasheet
103Kb / 5P
Speech Controller
SN67061 SONIX-SN67061 Datasheet
102Kb / 4P
Speech Controller
SN67120 SONIX-SN67120 Datasheet
103Kb / 5P
Speech Controller
SN68009 SONIX-SN68009 Datasheet
104Kb / 5P
Speech Controller
SN68020 SONIX-SN68020 Datasheet
104Kb / 5P
Speech Controller
SN68030 SONIX-SN68030 Datasheet
104Kb / 5P
Speech Controller
SN68340 SONIX-SN68340 Datasheet
104Kb / 5P
Speech Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com