Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ES1DF
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1DF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ES1DF Datasheet HTML 1Page - Pan Jit International Inc. ES1DF Datasheet HTML 2Page - Pan Jit International Inc. ES1DF Datasheet HTML 3Page - Pan Jit International Inc. ES1DF Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
April 10,2012-REV.00
ES1AF SERIES
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability Classification
94V-O
• Superfast recovery times for high efficiency
• Glass Passivated Chip Junction
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMAF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity : Color band denotes cathode end
• Approx. Weight : 0.00116 ounces, 0.0328 grams
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE
50-600 Volts
1 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
1
2
Cathode
Anode
PAR AME T E R
S YM B OL
ES 1 AF
E S 1 B F
E S 1 C F
E S 1 D F
E S 1 E F
E S 1 GF
E S 1J F
U N IT S
Re cur r e nt Pe a k Re ve r se Vo lta g e
V
RRM
5 0
1 0 0
1 5 0
20 0
3 0 0
4 0 0
6 0 0
V
RMS Volta g e
V
RM S
3 5
7 0
1 0 5
1 4 0
2 1 0
2 8 0
4 2 0
V
D C B lo cki ng Vo lta g e
V
R
5 0
1 0 0
1 5 0
20 0
3 0 0
4 0 0
6 0 0
V
A ve ra g e F o rwa r d C ur re nt
I
F (AV )
1. 0
A
P e a k F o rwa r d S ur g e C ur re nt : 8. 3ms si ng le ha lf si ne- wa ve
sup e r i mp o se d o n ra te d lo a d (J E D E C me tho d )
I
FS M
3 0
A
F or wa r d Vo lta ge a t 1 .0 A
V
F
0 .9 5
1 .2 5
1 .7
V
D C Re ve rs e C urr e nt a t Ra te d
D C B lo cki ng Vo lta g e
T
J = 2 5
O C
I
R
1. 0
 A
Typ i ca l Juncti o n ca p a ci ta nc e
V R=4 V,1 MHZ
C
J
1 5
p F
Typ i ca l The r mal Re si sta nce ,Juncti o n to L e a d ( No te 1 )
Juncti o n to A mb i e nt ( No te 2 )
R
J L
R
J A
2 4
1 50
OC / W
Re ver se Rec o ve r y Ti me a t IF=0 .5 A, IR=1 .0 A ,IRR=0 .2 5 A
tr r
3 5
nS
Op e r at i ng J unct i o n Te mp e ra ture a nd S to r a ge Te mp e r a tur e Ra ng e
T
J , T STG
- 5 5 to +1 5 0
OC
NOT ES :
1. Mounted on an FR4 PCB, single-sided copper, with 48cm 2 copper pad area
2. Mounted on an FR4 PCB, single-sided copper, mini pad.


Similar Part No. - ES1DF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ES1DF CHENDA-ES1DF Datasheet
628Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1DF YFWDIODE-ES1DF Datasheet
138Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Taiwan Semiconductor Co...
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
ES1DF SUNMATE-ES1DF Datasheet
336Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
Guangdong Juxing Electr...
ES1DF JUXING-ES1DF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
More results

Similar Description - ES1DF

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
ES1A YIXIN-ES1A Datasheet
172Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com