Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2AF Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER2AF
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER2AF Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER2AF Datasheet HTML 1Page - Pan Jit International Inc. ER2AF Datasheet HTML 2Page - Pan Jit International Inc. ER2AF Datasheet HTML 3Page - Pan Jit International Inc. ER2AF Datasheet HTML 4Page - Pan Jit International Inc. ER2AF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
May 11,2012-REV.00
ER2AF SERIES
RATING AND CHARACTERISTIC CURVES
1
10
100
1000
10000
80
160
240
320
400
TJ = 150°C
ER2EF~ER2GF
TJ = 125°C
TJ = 75°C
TJ = 25°C
VR, Peak Reverse Voltage (V)
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
TC, Case Temperature (°C)
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Reverse Characteristics
Fig.6 Typical Forward Characteristics
Fig.5 Typical Reverse Characteristics
1
10
100
1000
10000
100000
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TJ = 150°C
ER2JF
TJ = 125°C
TJ = 75°C
TJ = 25°C
1
10
100
1000
10000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
ER2AF~ER2DF
ER2GF~ER2JF
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
ER2AF~ER2DF
1
10
100
1000
10000
40
80
120
160
200
Peak Reverse Voltage (V)
VR,
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = 25°C
ER2AF~ER2DF
TJ = 75°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com