Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C910 Datasheet(PDF) 2 Page - Texas Instruments

Part # MM54C910
Description  256-Bit TRI-STATE Random Access Read/Write Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MM54C910 Datasheet(HTML) 2 Page - Texas Instruments

  MM54C910 Datasheet HTML 1Page - Texas Instruments MM54C910 Datasheet HTML 2Page - Texas Instruments MM54C910 Datasheet HTML 3Page - Texas Instruments MM54C910 Datasheet HTML 4Page - Texas Instruments MM54C910 Datasheet HTML 5Page - Texas Instruments MM54C910 Datasheet HTML 6Page - Texas Instruments MM54C910 Datasheet HTML 7Page - Texas Instruments MM54C910 Datasheet HTML 8Page - Texas Instruments MM54C910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLF5914
September 1989
MM54C910MM74C910 256 Bit TRI-STATE
Random Access ReadWrite Memory
General Description
The MM54C910MM74C910 is a 64 word by 4-bit random
access memory Inputs consist of six address lines four
data input lines a WE andaME line The six address lines
are internally decoded to select one of the 64 word loca-
tions An internal address register latches the address infor-
mation on the positive to negative transition of ME The
TRI-STATE outputs allow for easy memory expansion
Address Operation
Address inputs must be stable (tSA)
prior to the positive to negative transition of ME and (tHA)
after the positive to negative transition of ME The address
register holds the information and stable address inputs are
not needed at any other time
Write Operation
Data is written into memory at the select-
ed address if WE goes low while ME is low WE must be
held low for tWE and data must remain stable tHD after WE
returns high
Read Operation
Data is nondestructively read from a
memory location by an address operation with WE held
high
Outputs are in the TRI-STATE (Hi-Z) condition when the
device is writing or disabled
Features
Y
Supply voltage range
30V to 55V
Y
High noise immunity
045VCC (typ)
Y
TTL compatible fan out
1 TTL load
Y
Input address register
Y
Low power consumption
250 nWpackage (typ)
(chip enabled or disabled)
Y
Fast access time
250 ns (typ) at 50V
Y
TRI-STATE outputs
Y
High voltage inputs
Logic Diagrams
TLF5914 – 1
Input Protection
TLF5914 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com