Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC976DLR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN75LBC976DLR
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976DLR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75LBC976DLR Datasheet HTML 9Page - Texas Instruments SN75LBC976DLR Datasheet HTML 10Page - Texas Instruments SN75LBC976DLR Datasheet HTML 11Page - Texas Instruments SN75LBC976DLR Datasheet HTML 12Page - Texas Instruments SN75LBC976DLR Datasheet HTML 13Page - Texas Instruments SN75LBC976DLR Datasheet HTML 14Page - Texas Instruments SN75LBC976DLR Datasheet HTML 15Page - Texas Instruments SN75LBC976DLR Datasheet HTML 16Page - Texas Instruments SN75LBC976DLR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
− 40
DRIVER
HIGH-LEVEL OUTPUT CURRENT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
50
40
20
10
0
30
2
2.5
3
3.5
4
4.5
5
70
60
80
DRIVER
LOW-LEVEL OUTPUT CURRENT
vs
SUPPLY VOLTAGE
5.5
VCC − Supply Voltage − V
B+ and B −
B+ and B −
− 30
− 60
− 70
− 80
− 50
− 10
− 20
0
2
2.5
3
3.5
4
4.5
5
5.5
Figure 13
Figure 14
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
2.5
2
1
0.5
0
4.5
1.5
0
− 10
− 20
− 30
− 40
− 50
− 60
3.5
3
4
5
− 70
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
5.5
2
1
0.5
0
1.5
0
10
20
304050
60
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
Figure 15
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com