Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602A Datasheet(PDF) 33 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 33 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 29Page - SONiX Technology Company SN8P1602A Datasheet HTML 30Page - SONiX Technology Company SN8P1602A Datasheet HTML 31Page - SONiX Technology Company SN8P1602A Datasheet HTML 32Page - SONiX Technology Company SN8P1602A Datasheet HTML 33Page - SONiX Technology Company SN8P1602A Datasheet HTML 34Page - SONiX Technology Company SN8P1602A Datasheet HTML 35Page - SONiX Technology Company SN8P1602A Datasheet HTML 36Page - SONiX Technology Company SN8P1602A Datasheet HTML 37Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 33
Version 1.1
5
5
5 SYSTEM REGISTER
OVERVIEW
The RAM area located in 80H~FFH bank 0 is system register area. The main purpose of system registers is to control
peripheral hardware of the chip. Using system registers can control I/O ports, timers and counters by programming.
The memory map provides an easy and quick reference source for writing application program. These system registers
accessing is controlled by the selected memory bank (RBANK = 0) or the bank 0 read/write instruction (B0MOV,
B0BSET, B0BCLR…).
SYSTEM REGISTER ARRANGEMENT (BANK 0)
BYTES of SYSTEM REGISTER
SN8P1602B
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
8
-
-
R
Z
Y
-
PFLAG RPAGE
-
-
-
-
-
-
-
-
9
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
A
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
B
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PUR
PEDGE
C
P1W
P1M
P2M
-
-
-
-
-
INTRQ
INTEN
OSCM
-
-
-
PCL
PCH
D
P0
P1
P2
-
-
-
-
-
T0M
-
TC0M
TC0C
-
-
-
STKP
E
-
-
-
-
-
-
-
@YZ
-
-
-
-
-
-
-
-
F
-
-
-
-
-
-
-
-
STK3L STK3H STK2L STK2H STK1L STK1H STK0L STK0H
Description
PFLAG = ROM page and special flag register.
R = Working register and ROM look-up data buffer.
P1W = Port 1 wakeup register.
Y, Z = Working, @YZ and ROM addressing register.
PnM = Port n input/output mode register.
Pn = Port n data buffer.
INTRQ = Interrupt request register.
INTEN = Interrupt enable register.
OSCM = Oscillator mode register.
PCH, PCL = Program counter.
TCnM = Timer n mode register.
TCnC = Timer n counting register.
T0M.1= TC0GN, TC0 green mode wakeup flag.
STKP = Stack pointer buffer.
STK0~STK3 = Stack 0 ~ stack 3 buffer.
@YZ = RAM YZ indirect addressing index pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com