Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702A Datasheet(PDF) 68 Page - SONiX Technology Company

Part # SN8P1702A
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702A Datasheet(HTML) 68 Page - SONiX Technology Company

Back Button SN8P1702A Datasheet HTML 64Page - SONiX Technology Company SN8P1702A Datasheet HTML 65Page - SONiX Technology Company SN8P1702A Datasheet HTML 66Page - SONiX Technology Company SN8P1702A Datasheet HTML 67Page - SONiX Technology Company SN8P1702A Datasheet HTML 68Page - SONiX Technology Company SN8P1702A Datasheet HTML 69Page - SONiX Technology Company SN8P1702A Datasheet HTML 70Page - SONiX Technology Company SN8P1702A Datasheet HTML 71Page - SONiX Technology Company SN8P1702A Datasheet HTML 72Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 68
Revision 0.5
TC1C COUNTING REGISTER
TC1C is an 8-bit counter register for the timer counter (TC1). TC1C must be reset whenever the TC1ENB is set “1” to
start the timer. TC0C is incremented by one with a clock pulse which the frequency is determined by TC0RATE0 ~
TC0RATE2. When TC0C has incremented to “0FFH”, it is will be cleared to “00H” in next clock and an overflow is
generated. Under TC1 interrupt service request (TC1IEN) enable condition, the TC1 interrupt request flag will be set
“1” and the system executes the interrupt service routine.
TC1C initial value = xxxx xxxx
0DDH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC1C
TC1C7
TC1C6
TC1C5
TC1C4
TC1C3
TC1C2
TC1C1
TC1C0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TC1 Overflow Time
TC1 rate is determinate by TC1Rate and Code Option TC1_Counter, TC1Rate can set TC1 clock frequency from Fcpu
and TC1_Counter set TC1 became 8-bit, 6-bit, 5-bit or 4-bit counter.
The equation of TC1C initial value is as following.
TC1C initial value = N
- (TC1 interrupt interval time * input clock)
Which N is determinate by code option: TC1_Counter
TC1_Counter
N
Max. TC1C value
8-bit
256
255
6-bit
64
63
5-bit
32
31
4-bit
16
15
Note: TheTC1C must small or equal than Max. TC1 value.
Example: To set 10ms interval time for TC1 interrupt at Fosc = 3.58MHz
TC1C value (74H) = 256 - (10ms * fcpu/64)
(TC1RATE=010, TC1_Counter=8-bit, TC1X8=0)
TC1C initial value = 256 - (TC0 interrupt interval time * input clock)
= 256 - (10ms * 3.58 * 106 / 4 / 64)
= 256 - (0.01 * 3.58 * 106 / 4 / 64)
= 116
= 74H
Example: To set 1.25ms interval time for TC1 interrupt at Fosc = 3.58MHz
TC1C value (74H) = 256 - (10ms * fcpu/64)
(TC1RATE=010, TC1_Counter=8-bit, TC1X8=1)
TC1C initial value = 256 - (TC0 interrupt interval time * input clock)
= 256 - (1.25ms * 3.58 * 106 / 32)
= 256 - (0.00125 * 3.58 * 106 / 32)
= 116
= 74H
Example: To set 1ms interval time for TC1 interrupt at Fosc = 3.58MHz
TC1C value (32H) = 64 - (1ms * fcpu/64)
(TC1RATE=010, TC1_COunter=6-bit, TC1X8=0)
TC1C initial value = 64 - (TC0 interrupt interval time * input clock)
= 64 - (1ms * 3.58 * 106 / 4 / 64)
= 64 - (0.001 * 3.58 * 106 / 4 / 64)
= 64 - 14
= 32H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com