Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3137 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 94Page - Texas Instruments TMS570LS3137 Datasheet HTML 95Page - Texas Instruments TMS570LS3137 Datasheet HTML 96Page - Texas Instruments TMS570LS3137 Datasheet HTML 97Page - Texas Instruments TMS570LS3137 Datasheet HTML 98Page - Texas Instruments TMS570LS3137 Datasheet HTML 99Page - Texas Instruments TMS570LS3137 Datasheet HTML 100Page - Texas Instruments TMS570LS3137 Datasheet HTML 101Page - Texas Instruments TMS570LS3137 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
4.18 Error Signaling Module
The Error Signaling Module (ESM) manages the various error conditions on the TMS570 microcontroller.
The error condition is handled based on a fixed severity level assigned to it. Any severe error condition
can be configured to drive a low level on a dedicated device terminal called nERROR. This can be used
as an indicator to an external monitor circuit to put the system into a safe state.
4.18.1 Features
The features of the Error Signaling Module are:
•
128 interrupt/error channels are supported, divided into 3 different groups
– 64 channels with maskable interrupt and configurable error pin behavior
– 32 error channels with non-maskable interrupt and predefined error pin behavior
– 32 channels with predefined error pin behavior only
•
Error pin to signal severe device failure
•
Configurable timebase for error signal
•
Error forcing capability
4.18.2 ESM Channel Assignments
The Error Signaling Module (ESM) integrates all the device error conditions and groups them in the order
of severity. Group1 is used for errors of the lowest severity while Group3 is used for errors of the highest
severity. The device response to each error is determined by the severity group it is connected to.
Table 4-35 shows the channel assignment for each group.
Table 4-34. ESM Groups
ERROR GROUP
INTERRUPT CHARACTERISTICS
INFLUENCE ON ERROR PIN
Group1
maskable, low or high priority
configurable
Group2
non-maskable, high priority
fixed
Group3
no interrupt generated
fixed
Table 4-35. ESM Channel Assignments
ERROR SOURCES
GROUP
CHANNELS
Reserved
Group1
0
MibADC2 - parity
Group1
1
DMA - MPU
Group1
2
DMA - parity
Group1
3
Reserved
Group1
4
DMA - imprecise read error
Group1
5
FMC - correctable error: bus1 and bus2 interfaces
Group1
6
(does not include accesses to EEPROM bank)
N2HET1/N2HET2 - parity
Group1
7
HET TU1/HET TU2 - parity
Group1
8
HET TU1/HET TU2 - MPU
Group1
9
PLL - Slip
Group1
10
Clock Monitor - interrupt
Group1
11
FlexRay - parity
Group1
12
DMA - imprecise write error
Group1
13
FlexRay TU - parity
Group1
14
VIM RAM - parity
Group1
15
FlexRay TU - MPU
Group1
16
MibSPI1 - parity
Group1
17
98
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com