Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAD01B Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNAD01B
Description  8-CHANNEL 8-BIT ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01B Datasheet(HTML) 5 Page - SONiX Technology Company

  SNAD01B Datasheet HTML 1Page - SONiX Technology Company SNAD01B Datasheet HTML 2Page - SONiX Technology Company SNAD01B Datasheet HTML 3Page - SONiX Technology Company SNAD01B Datasheet HTML 4Page - SONiX Technology Company SNAD01B Datasheet HTML 5Page - SONiX Technology Company SNAD01B Datasheet HTML 6Page - SONiX Technology Company SNAD01B Datasheet HTML 7Page - SONiX Technology Company SNAD01B Datasheet HTML 8Page - SONiX Technology Company SNAD01B Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SNAD01B
8-CHANNEL 8-BIT ADC
6. Functional Descriptions
Host CPU
Output Port1
Output Port2
I/O port
SNAD01
START
CLK
DIO
START
CLK
DIO
VDD
AVDD
REF
VDD
VSS
AVSS
CH[0]
CH[1]
CH[7]
Analog/Digital
Signal
0.1uF
Figure2 Interface with Host CPU
Interface Format
CM1 CM0
ID2
ID1
ID0
CM2
D6
D5
D7
HiZ
D3
D2
D4
D0
D1
START
CLK
DIO
DI[7]
HiZ
HiZ
PDS
Reading
Digital Input Reading
Power Down
CM1 CM0
CM2
DI[6] DI[5] DI4] DI[3] DI[2] DI[1] DI[0]
CM1 CM0
CM2
Port Input
Port Output
Port Output
HiZ
xxx
annel Setting
CM1 CM0
CM2
CH[7] CH[6] CH[5] CH[4] CH[3] CH[2] CH[1] CH[0]
Port Input
Port Input
DI[7] DI[6] DI[5] DI4] DI[3]
Port Input
Port Output
xx
~PDS
HiZ
xxx
ol Register Setting
CM1 CM0
CM2
PH
PL
RF
MB
xx
xx
xx
xx
Port Input
DIO
Contr
DIO
Ch
DIO
DIO
ADC
Figure3 Timing Diagram of Whole Commands
Version: 1.3
July 31, 2003
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com