Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR Datasheet(PDF) 22 Page - Texas Instruments

Part # STAR
Description  STAR STAR Surface Mount Tape-and-Reel Specification
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STAR Datasheet(HTML) 22 Page - Texas Instruments

Back Button STAR Datasheet HTML 18Page - Texas Instruments STAR Datasheet HTML 19Page - Texas Instruments STAR Datasheet HTML 20Page - Texas Instruments STAR Datasheet HTML 21Page - Texas Instruments STAR Datasheet HTML 22Page - Texas Instruments STAR Datasheet HTML 23Page - Texas Instruments STAR Datasheet HTML 24Page - Texas Instruments STAR Datasheet HTML 25Page - Texas Instruments STAR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Appendix IShort-Form Procurement Specification (Continued)
REEL DIMENSIONS
TLHH8352 – 35
A (Max)
B (Min)
C
D (Min)
N (Min)
G
T (Max)
8 mm Tape
SOT-23
(High Profile)
(1300)
(330)
0059
15
0512g0002
13g005
0795
202
1969
50
0331
84
a
0059
b
0000
a
15
b
0
0567
144
SOT-23
(Low Profile)
12 mm Tape
SO-8 (Narrow)
(1300)
(330)
0059
15
0512g0002
13g005
0795
202
1969
50
0488
124
a
0078
b
0000
a
2
b
0
0724
184
16 mm Tape
SO-14 (Narrow)
SO-14 (Wide)
SO-16 (Narrow)
(1300)
(330)
0059
15
0512g0002
13g005
0795
202
1969
50
0646
164
a
0078
b
0000
a
2
b
0
0882
224
SO-16 (Wide)
PLCC-20
24 mm Tape
SO-20 (Wide)
SO-24 (Wide)
(1300)
(330)
0059
15
0512g0002
13g005
0795
202
1969
50
0960
244
a
0078
b
0000
a
2
b
0
1197
304
PLCC-28
32 mm Tape
PLCC-44
(1300)
(330)
0059
15
0512g0002
13g005
0795
202
1969
50
1276
324
a
0078
b
0000
a
2
b
0
1512
384
44 mm Tape
PLCC-68
(1300)
(330)
0059
15
0512g0002
13g005
0795
202
1969
50
1748
444
a
0078
b
0000
a
2
b
0
1984
504
PLCC-84
Units
Inches
Millimeters
Material Paperboard (Non-Flaking)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com