Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD13K Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYD13K
Description  Controlled avalanche rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYD13K Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYD13K Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYD13K Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYD13K Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
RATINGS AND CHARACTERISTIC CURVES
BYD13D THRU BYD13M
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
200V-1000V
0.750A-1.4A
BYD13D THRU BYD13M
Controlled avalanche rectifiers
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
a = 1.57; VR =VRRMmax; δ = 0.5.
Lead length 10 mm.
handbook, halfpage
0
200
2.0
0
0.4
0.8
1.2
1.6
40
80
120
160
IF(AV)
(A)
Ttp (
oC)
Fig.3
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
a = 1.57; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.9.
handbook, halfpage
0
200
1.0
0
0.2
0.4
0.6
0.8
40
80
120
160
IF(AV)
(A)
Tamb (
oC)
Fig.4
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
handbook, halfpage
0
0.4
0.8
1.6
2.5
0
2.0
1.2
1.5
1.0
0.5
2.5
2
P
(W)
I
F(AV)
(A)
1.42
a = 3
1.57
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
Fig.5
Maximum permissible junction temperature
as a function of reverse voltage.
handbook, halfpage
0
DG
J
K
M
400
800
1200
200
0
100
50
150
Tj
VR, VRRM (V)
( C)
o



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com