Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG20D Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG20D
Description  Fast Silicon Mesa SMD Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG20D Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG20D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG20D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
BYG20D THRU BYG20J
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
200V-600V
1.5A
BYG20D THRU BYG20J
Fast Silicon Mesa SMD Rectifier
0
40
80
120
160
0.01
0.1
1
10
100
Tj – Junction Temperature ( °C )
200
94 9347
VR =VRRM
Figure 1. Typ. Reverse Current vs. Junction Temperature
0
0
0.4
0.8
1.2
1.6
2.0
Tamb – Ambient Temperature ( °C )
94 9345
40
80
120
160
200
RthJA=25K/W
100K/W
125K/W
150K/W
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
01
2
3
4
0.01
0.1
1
10
100
VF – Forward Voltage ( V )
94 9348
Tj = 125°C
25
°C
75
°C
Figure 3. Typ. Forward Current vs. Forward Voltage
0
0.2
0.4
0.6
0.8
0
100
200
300
400
600
IF – Forward Current ( A )
1.0
94 9349
500
Tamb= 125°C
IR=0.5A, iR=0.125A
75
°C
50
°C
25
°C
100
°C
Figure 4. Max. Reverse Recovery Time vs.
Forward Current
1
10
100
1000
tp – Pulse Length ( s )
94 9339
10–5
10–4
10–3
10–2
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
125K/W DC
Figure 6. Thermal Response



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com