Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG22A Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG22A
Description  Super Fast Silicon Mesa SMD Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG22A Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG22A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG22A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-200V
2.0A
BYG22A THRU BYG22D
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
D Controlled avalanche characteristic
D Glass passivated junction
D Low reverse current
D Low forward voltage
D Soft recovery characteristic
D Very fast reverse recovery time
D Good switching characteristics
D Wave and reflow solderable
Absolute Maximum Ratings
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYG22A
VR=VRRM
50
V
g
=Repetitive peak reverse voltage
BYG22B
VR=VRRM
100
V
BYG22D
VR=VRRM
200
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
35
A
Average forward current
IFAV
2
A
Junction and storage
temperature range
Tj=Tstg
–55...+150
°C
Pulse energy in avalanche mode,
non repetitive
(inductive load switch off)
I(BR)R=1A, Tj=25°C
ER
20
mJ
Maximum Thermal Resistance
Parameter
Test Conditions
Symbol
Value
Unit
Junction lead
TL=const.
RthJL
25
K/W
Junction ambient
mounted on epoxy–glass hard tissue
RthJA
150
K/W
mounted on epoxy–glass hard tissue, 50mm2 35
mm Cu
RthJA
125
K/W
mounted on Al–oxid–ceramic (Al2O3), 50mm2 35mm Cu
RthJA
100
K/W
Super Fast Silicon Mesa SMD Rectifier
Electrical Characteristics
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
1
V
g
IF=2A
VF
1.1
V
Reverse current
VR=VRRM
IR
1
mA
VR=VRRM, Tj=100°C
IR
10
mA
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
25
ns


Similar Part No. - BYG22A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG22A VISHAY-BYG22A Datasheet
59Kb / 5P
Super Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG22A VISHAY-BYG22A Datasheet
109Kb / 5P
Ultrafast Avalanche SMD Rectifier
27-Aug-07
BYG22A VISHAY-BYG22A Datasheet
94Kb / 5P
Ultrafast Avalanche SMD Rectifier
21-Dec-11
BYG22A VISHAY-BYG22A Datasheet
92Kb / 5P
Ultrafast Avalanche SMD Rectifier
30-Oct-13
BYG22A VISHAY-BYG22A Datasheet
94Kb / 5P
Ultrafast Avalanche SMD Rectifier
21-Dec-11
More results

Similar Description - BYG22A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
Silicon Mesa SMD Rectifier
24-Jun-98
BYG20 VISHAY-BYG20 Datasheet
59Kb / 5P
Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG22 VISHAY-BYG22 Datasheet
59Kb / 5P
Super Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
Fast Silicon Mesa SMD Rectifier
13-Aug-99
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
Silicon Mesa SMD Rectifier
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
Fast Silicon Mesa SMD Rectifier
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
Fast Silicon Mesa SMD Rectifier
logo
SUNMATE electronic Co.,...
BYG21K SUNMATE-BYG21K Datasheet
621Kb / 3P
FAST SILICON MESA SMD RECTIFIER DIODE
BYG22A SUNMATE-BYG22A Datasheet
363Kb / 2P
SUPER FAST SILICON MESA SMD RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com