Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG24D Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG24D
Description  Fast Avalanche SMD Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG24D Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG24D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG24D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
BYG24D THRU BYG24J
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
200V-600V
1.5A
BYG24D THRU BYG24J
Fast Avalanche SMD Rectifier
Figure 1. Max. Reverse Power Dissipation vs. Junction
Temperature
Figure 2. Reverse Current vs. Junction Temperature
0
10
20
30
40
50
60
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
16
VR = VRRM
175K/W
155K/W
125K/W
PR–Limit
@100%VR
PR–Limit
@80%VR
RthJA=
1
10
100
25
50
75
100
125
150
1
10
100
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
16825
VR = VRRM
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Average Forward Current vs. Ambient Temperature
0.01
0.10
1.00
10.00
100.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF – Forward Voltage ( V )
16826
Tj=25°C
Tj=150°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100 120 140 160
Tamb – Ambient Temperature ( °C )
16827
VR=VRRM
half sinewave
RthJA=150K/W
RthJAv25K/W
RthJA=25K/W
RthJA=125K/W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com