Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602P Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SN8P1602P
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602P Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SN8P1602P Datasheet HTML 9Page - SONiX Technology Company SN8P1602P Datasheet HTML 10Page - SONiX Technology Company SN8P1602P Datasheet HTML 11Page - SONiX Technology Company SN8P1602P Datasheet HTML 12Page - SONiX Technology Company SN8P1602P Datasheet HTML 13Page - SONiX Technology Company SN8P1602P Datasheet HTML 14Page - SONiX Technology Company SN8P1602P Datasheet HTML 15Page - SONiX Technology Company SN8P1602P Datasheet HTML 16Page - SONiX Technology Company SN8P1602P Datasheet HTML 17Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 13
Revision 1.94
PIN DESCRIPTIONS
SN8P1602/1603
PIN NAME
TYPE
DESCRIPTION
VDD, VSS
P
Power supply input pins. Place the 0.1µF bypass capacitor between the VDD and VSS pin.
VPP/RST
I
System reset pin. Schmitt trigger structure, low active, normal stay to “high”.
XIN
I
External oscillator input pin. RC mode input pin.
XOUT/P1.4
I/O
External oscillator output pin. In RC mode is P1.4 I/O.
P0.0 / INT0
I
Input / Interrupt (Schmitt trigger) / Wakeup function.
P1.0 ~ P1.4
I/O
Bi-direction pins with sleep mode wakeup function.
P2.0 ~ P2.7
I/O
Bi-direction pins.
Notice : The SN8P1602/3 do not have the pull-up resistor in the input port. The user must use the external pull-up
resistor.
SN8P1604
PIN NAME
TYPE
DESCRIPTION
VDD, VSS
P
Power supply input pins. Place the 0.1µF bypass capacitor between the VDD and VSS pin.
VPP/VDD
P
OTP programming pin. Keep connect to VDD during normal mode.
RST
I
System reset pin. Schmitt trigger structure, low active, normal stay to “high”.
XIN
I
External oscillator input pin. RC mode input pin.
XOUT/Fcpu
I/O
External oscillator output pin. RC Mode as the Fcpu output
P0.0/INT0
I
Input / Interrupt (Schmitt trigger) / Wakeup function / Built-in pull-up resisters.
P0.1
I
Input / Wakeup function. / Built-in pull-up resister.
P1.0 ~ P1.7
I/O
Bi-direction pins with sleep mode Wakeup function. Built-in pull-up resisters.
P2.0 ~ P2.7
I/O
Bi-direction pins / Built-in pull-up resisters.
P5.0 ~ P5.3
I/O
Bi-direction pin, P5.3 as TC1 output for PWM and Buzzer function/Built-in pull-up resisters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com