Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG26G Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG26G
Description  SMA ultra fast soft-recovery controlled avalanche rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG26G Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG26G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG26G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 2
Maximum permissible junction temperature
Fig.6
Transient thermal impedance as a function
Fig.5
Diode capacitance as a function of reverse
Fig.4
Reverse current as a function of reverse
Fig.3
Forward current as a function of forward
Fig.1 Maximum permissible average forward
RATINGS AND CHARACTERISTIC CURVES
BYG26D THRU BYG26J
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
handbook, halfpage
0
40
200
2
1.5
0.5
0
1
80
Ttp (°C)
IF(AV)
(A)
120
160
handbook, halfpage
200
Tj
(
°C)
0
400
0
800
VR (V)
40
DG
J
80
120
160
handbook, halfpage
15
10
VF (V)
IF
(A)
5
0
102
10
1
10−1
10−2
10−3
handbook, halfpage
100
0
20
40
VR (%VRmax)
IR
(
µA)
60
80
102
10
1
10−1
10−2
10−3
Tj = 165 °C
Tj = 25 °C
voltage; typical values.
handbook, halfpage
102
10
1
10−2
10−1
1
VR (V)
Cd
(pF)
10
102
voltage; typical values.
handbook, halfpage
102
10
1
110
Zth j-tp
(K/W)
102
103
tp (ms)
104
of pulse width.
SMA ultra fast soft-recovery
controlled avalanche rectifiers
200V-600V
1.0A
BYG26D THRU BYG26J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com