Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG50D Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG50D
Description  Controlled avalanche rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG50D Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG50D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG50D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYG50D Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
ELECTRICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
Notes
1. Device mounted on Al2O3 printed-circuit board, 0.7 mm thick; thickness of copper ≥35 µm, see Fig.7.
2. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper
≥40 µm, see Fig.7.
For more information please refer to the
“General Part of associated Handbook”.
ERSM
non-repetitive peak reverse avalanche
energy
L = 120 mH; Tj =Tj max prior to
surge; inductive load switched off
BYG50D to J
−
10
mJ
BYG50K and M
−
7
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.4
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF =1A; Tj =Tj max; see Fig.5
−−
0.85
V
IF = 1 A; see Fig.5
−−
1.00
V
V(BR)R
reverse avalanche
breakdown voltage
IR = 0.1 mA
BYG50D
300
−−
V
BYG50G
500
−−
V
BYG50J
700
−−
V
BYG50K
900
−−
V
BYG50M
1100
−−
V
IR
reverse current
VR =VRRMmax; see Fig.6
−−
1
µA
VR =VRRMmax; Tj = 165 °C; see Fig.6
−−
100
µA
trr
reverse recovery time
when switched from IF = 0.5 A to
IR = 1 A; measured at IR = 0.25 A;
see Fig.8
−
2
−
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
25
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
note 2
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
200V-1000V
0.7A-2.1A
Controlled avalanche rectifiers
BYG50D THRU BYG50M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com