Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRA160 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBRA160
Description  SURFACE MOUNT SCHOTTK Y BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBRA160 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBRA160 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBRA160 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-100V
1.0A
MBRA 120 THRU MBRA100
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
.
SURFACE MOUNT SCHOTTK Y BARRIER RECTIFIER
•
Plastic package has Underwriters Laboratory
flammability classification 94V-0
•
Metal silicon junction, majority carrier conduction
•
For surface mount applications
•
Guard ring for overvoltage protection
•
Low power loss, high efficiency
•
High current capability, low forward voltage drop
•
High surge capability
• Case:
SMA (DO-214AC), molded plastic body
• Terminals: solder plated, solderable per MIL-STD-750,
method 2026
• Polarity: color band denotes cathode end
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, resistive or inductive load. For
capacitive load, derate by 20%.
Parameter
Symbols MBRA120 MBRA130 MBRA140 MBRA150 MBRA160 MBRA180 MBRA100 Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC method)
IFSM
40
A
Maximum Forward Voltage at 1 A
1)
VF
0.55
0.75
0.85
V
Ta = 25 OC
0.2
Maximum DC Reverse Current at
Rated DC Blocking Voltage
1)
Ta = 100 OC
IR
10
mA
Typical Thermal Resistance
2)
RθJA
RθJL
88
28
O
C/W
Operating Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
1) Pulse test: 300 µs pulse width, 1% duty cycle
2) P.C.B mounted with 0.2 X 0.2" (5 X 5 mm) copper pad areas


Similar Part No. - MBRA160

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MBRA160 SEMTECH_ELEC-MBRA160 Datasheet
216Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
MBRA160 ONSEMI-MBRA160 Datasheet
263Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2019 - Rev. 14
MBRA160 ONSEMI-MBRA160 Datasheet
177Kb / 5P
Surface Mount Schottky Power Rectifier SMA Power Surface Mount Package
December, 2022 - Rev. 15
MBRA160T3 ONSEMI-MBRA160T3 Datasheet
36Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2003 - Rev. 4
logo
Formosa MS
MBRA160T3 FORMOSA-MBRA160T3 Datasheet
71Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - MBRA160

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SSH210 TAYCHIPST-SSH210 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
SSL22 TAYCHIPST-SSL22 Datasheet
10Mb / 2P
Surface Mount Schottk
SSL32 TAYCHIPST-SSL32 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
SSL42 TAYCHIPST-SSL42 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
logo
PACELEADER INDUSTRIAL
KMB22F PACELEADER-KMB22F Datasheet
293Kb / 2P
MINI SURFACE MOUNT SCHOTTKKY Y BARRIER
logo
SUNMATE electronic Co.,...
RS1AB SUNMATE-RS1AB Datasheet
295Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
PACELEADER INDUSTRIAL
SR220-01 PACELEADER-SR220-01 Datasheet
664Kb / 2P
2.0AMP SCHOTTK BARRIER RECTIFIERS
logo
Shanghai Leiditech Elec...
SP5U100L LEIDITECH-SP5U100L Datasheet
648Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
SP5100 LEIDITECH-SP5100 Datasheet
646Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
DSK24 LEIDITECH-DSK24 Datasheet
1Mb / 3P
2.0AMP SURFACE MOUNT LOW VF SCHOTTK RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com