| Electronic Components Datasheet Search |
|
SN8P1702P Datasheet(PDF) 22 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1702P Datasheet(HTML) 22 Page - SONiX Technology Company |
|
22 / 145 page ![]() SN8P1700 8-bit micro-controller build-in 12-bit ADC SONiX TECHNOLOGY CO., LTD Page 22 Revision 1.94 PIN DESCRIPTIONS PIN NAME TYPE DESCRIPTION VDD, VSS P Power supply input pins for digital circuit. AVDD, AVSS P Power supply input pins for analog circuit. VPP/VDD P OTP ROM programming pin. Connect to VDD in normal operation. RST I System reset input pin. Schmitt trigger structure, active “low”, normal stay to “high”. XIN, XOUT I, O External oscillator pins. RC mode from XIN. P0.0 / INT0 I Port 0.0 and shared with INT0 trigger pin (Schmitt trigger) / Built-in pull-up resisters. P0.1 / INT1 I Port 0.1 and shared with INT1 trigger pin (Schmitt trigger) / Built-in pull-up resisters. P0.2 / INT2 I Port 0.2 and shared with INT2 trigger pin (Schmitt trigger) / Built-in pull-up resisters. P1.0 ~ P1.5 I/O Port 1.0~Port 1.5 bi-direction pins / Built-in pull-up resisters. P2.0 ~ P2.7 I/O Port 2.0~Port 2.7 bi-direction pins / Built-in pull-up resisters. P4.0 ~ P4.7 I/O Port 4.0~Port 4.7 bi-direction pins / Built-in pull-up resisters. P5.0 / SCK I/O Port 5.0 bi-direction pin and SIO’s clock input/output / Built-in pull-up resisters. P5.1 / SI I/O Port 5.1 bi-direction pin and SIO’s data input / Built-in pull-up resisters. P5.2 / SO I/O Port 5.2 bi-direction pin and SIO’s data output / Built-in pull-up resisters. P5.3 / BZ1 / PWM1 I/O Port 5.3 bi-direction pin, TC1 ÷ 2 signal output pin for buzzer or PWM1 output pin. Built-in pull-up resisters. P5.4 / BZ0 / PWM0 I/O Port 5.4 bi-direction pin, TC0 ÷ 2 signal output pin for buzzer or PWM0 output pin. Built-in pull-up resisters. P5.5 ~ P5.7 I/O Port 5.5~Port 5.7 bi-direction pins / Built-in pull-up resisters. AVREFH I A/D converter high analog reference voltage. AIN0 ~ AIN7 I Analog signal input pins for ADC converter. DAO O 5-bit DAC signal output pin. Table 1-4. SN8P1700 Pin Description PIN CIRCUIT DIAGRAMS Figure 1-2. Pin Circuit Diagram Note: All of the latch output circuits are push-pull structures. Port0 structure PUR Pin Int. bus PUR PnM Pin Int. bus PnM Latch Port1, 2, 4, 5 structure PnM Port0 structure PUR Pin Int. bus PUR PnM Pin Int. bus PnM Latch Port1, 2, 4, 5 structure PnM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |