Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFB2002BIPPM Datasheet(PDF) 7 Page - Texas Instruments

Part # TFB2002BIPPM
Description  FUTUREBUS I/O CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2002BIPPM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TFB2002BIPPM Datasheet HTML 3Page - Texas Instruments TFB2002BIPPM Datasheet HTML 4Page - Texas Instruments TFB2002BIPPM Datasheet HTML 5Page - Texas Instruments TFB2002BIPPM Datasheet HTML 6Page - Texas Instruments TFB2002BIPPM Datasheet HTML 7Page - Texas Instruments TFB2002BIPPM Datasheet HTML 8Page - Texas Instruments TFB2002BIPPM Datasheet HTML 9Page - Texas Instruments TFB2002BIPPM Datasheet HTML 10Page - Texas Instruments TFB2002BIPPM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TFB2002BI
FUTUREBUS+ I/O CONTROLLER
SLLS182 – AUGUST 1994
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
JTAG test port
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
TCK
167
I
Module
JTAG test clock
TDI
169
I
Module
JTAG test data in
TDO
168
O
Module
JTAG test data out
TMS
166
I
Module
JTAG test-mode select
reset port
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
AQI
111
I
Arbitration handshake. AQI is used to determine if the arbitration bus has been idle for 1
µs.
If the arbitration bus is not implemented, this signal should be tied low.
ARI
112
I
Arbitration handshake. ARI is used to determine if the arbitration bus has been idle for 1
µs.
If the arbitration bus is not implemented, this signal should be tied high.
BINIT*
131
O
Module
Bus interface reset. BINIT* is an open-collector signal indicating that a bus interface reset
is required.
BUSI*
128
O
Bus idle. Bus has been idle for longer than 1
µs, and REO is asserted.
REI
115
I
Futurebus+ reset in
REO
113
O
Futurebus+ reset out
RST*
132
I
Module
Module power-up reset. RST* resets all logic; output signals go to their inactive states, state
outputs and bidirectional signals take on the high-impedance state.
SYSRESET*
130
O
Module
System reset required. SYSRESET* is an open-collector signal indicating that a system
reset is required.
RSTBYPASS*
124
I
Module
Reset bypass. Bypass auto alignment after power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com