Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8A1702AX Datasheet(PDF) 52 Page - SONiX Technology Company

Part # SN8A1702AX
Description  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8A1702AX Datasheet(HTML) 52 Page - SONiX Technology Company

Back Button SN8A1702AX Datasheet HTML 48Page - SONiX Technology Company SN8A1702AX Datasheet HTML 49Page - SONiX Technology Company SN8A1702AX Datasheet HTML 50Page - SONiX Technology Company SN8A1702AX Datasheet HTML 51Page - SONiX Technology Company SN8A1702AX Datasheet HTML 52Page - SONiX Technology Company SN8A1702AX Datasheet HTML 53Page - SONiX Technology Company SN8A1702AX Datasheet HTML 54Page - SONiX Technology Company SN8A1702AX Datasheet HTML 55Page - SONiX Technology Company SN8A1702AX Datasheet HTML 56Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 52
Revision 1.94
SN8P1704 System register table
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
Remarks
082H
RBIT7
RBIT6
RBIT5
RBIT4
RBIT3
RBIT2
RBIT1
RBIT0
R/W
R
083H
ZBIT7
ZBIT6
ZBIT5
ZBIT4
ZBIT3
ZBIT2
ZBIT1
ZBIT0
R/W
Z
084H
YBIT7
YBIT6
YBIT5
YBIT4
YBIT3
YBIT2
YBIT1
YBIT0
R/W
Y
086H
-
-
-
-
-
C
DC
Z
R/W
PFLAG
0B0H
DAENB
DAB6
DAB5
DAB4
DAB3
DAB2
DAB1
DAB0
R/W
DAM data register
0B1H
ADENB
ADS
EOC
GCHS
-
CHS2
CHS1
CHS0
R/W
ADM mode register
0B2H
ADB11
ADB10
ADB9
ADB8
ADB7
ADB6
ADB5
ADB4
R
ADB data buffer
0B3H
-
ADCKS
ADLEN
0
ADB3
ADB2
ADB1
ADB0
R/W
ADR register
0B4H
SENB
START
SRATE1 SRATE0
0
SCKMD
SEDGE
TXRX
R/W
SIOM mode register
0B5H
SIOR7
SIOR6
SIOR5
SIOR4
SIOR3
SIOR2
SIOR1
SIOR0
W
SIOR reload buffer
0B6H
SIOB7
SIOB6
SIOB5
SIOB4
SIOB3
SIOB2
SIOB1
SIOB0
R/W
SIOB data buffer
0C0H
0
0
0
P14W
P13W
P12W
P11W
P10W
W
P1W wakeup register
0C2H
0
0
0
0
0
0
0
0
R/W
P2M I/O direction
0C1H
0
0
0
P14M
P13M
P12M
P11M
P10M
R/W
P1M I/O direction
0C4H
0
0
0
P44M
P43M
P42M
P41M
P40M
R/W
P4M I/O direction
0C5H
0
0
0
P54M
P53M
P52M
P51M
P50M
R/W
P5M I/O direction
0C8H
0
TC1IRQ
TC0IRQ
0
SIOIRQ
P02IRQ
P01IRQ
P00IRQ
R/W
INTRQ
0C9H
0
TC1IEN
TC0IEN
0
SIOIEN
P02IEN
P01IEN
P00IEN
R/W
INTEN
0CAH
0
WDRST
WDRate
0
CPUM0
CLKMD
STPHX
0
R/W
OSCM
0CDH
TC0R7
TC0R6
TC0R5
TC0R4
TC0R3
TC0R2
TC0R1
TC0R0
W
TC0R
0CEH
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
R/W
PCL
0CFH
-
-
-
-
PC11
PC10
PC9
PC8
R/W
PCH
0D0H
-
-
-
-
-
P02
P01
P00
R
P0 data buffer
0D1H
-
-
-
P14
P13
P12
P11
P10
R/W
P1 data buffer
0D4H
-
-
-
P44
P43
P42
P41
P40
R/W
P4 data buffer
0D5H
-
-
-
P54
P53
P52
P51
P50
R/W
P5 data buffer
0DAH
TC0ENB TC0rate2 TC0rate1 TC0rate0
0
ALOAD0 TC0OUT PWM0OUT
R/W
TC0M
0DBH
TC0C7
TC0C6
TC0C5
TC0C4
TC0C3
TC0C2
TC0C1
TC0C0
R/W
TC0C
0DCH
TC1ENB TC1rate2 TC1rate1 TC1rate0
0
ALOAD1 TC1OUT PWM1OUT
R/W
TC1M
0DDH
TC1C7
TC1C6
TC1C5
TC1C4
TC1C3
TC1C2
TC1C1
TC1C0
R/W
TC1C
0DEH
TC1R7
TC1R6
TC1R5
TC1R4
TC1R3
TC1R2
TC1R1
TC1R0
W
TC1R
0DFH
GIE
-
-
-
STKPB3 STKPB2 STKPB1
STKPB0
R/W
STKP stack pointer
0E7H
@YZ7
@YZ6
@YZ5
@YZ4
@YZ3
@YZ2
@YZ1
@YZ0
R/W
@YZ index pointer
0F0H
S7PC7
S7PC6
S7PC5
S7PC4
S7PC3
S7PC2
S7PC1
S7PC0
R/W
STK7L
0F1H
-
-
-
-
S7PC11
S7PC10
S7PC9
S7PC8
R/W
STK7H
0F2H
S6PC7
S6PC6
S6PC5
S6PC4
S6PC3
S6PC2
S6PC1
S6PC0
R/W
STK6L
0F3H
-
-
-
-
S6PC11
S6PC10
S6PC9
S6PC8
R/W
STK6H
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
“
0FCH
S1PC7
S1PC6
S1PC5
S1PC4
S1PC3
S1PC2
S1PC1
S1PC0
R/W
STK1L
0FDH
-
-
-
-
S1PC11
S1PC10
S1PC9
S1PC8
R/W
STK1H
0FEH
S0PC7
S0PC6
S0PC5
S0PC4
S0PC3
S0PC2
S0PC1
S0PC0
R/W
STK0L
0FFH
-
-
-
-
S0PC11
S0PC10
S0PC9
S0PC8
R/W
STK0H
Table 5-5. Bit System Register Table of SN8P1704
Note:
a). To avoid system error, please be sure to put all the “0” as it indicates in the above table
b). All of register name had been declared in SONiX 8-bit MCU assembler.
c). One-bit name had been declared in SONiX 8-bit MCU assembler with “F” prefix code.
d). “b0bset”, “b0bclr”, ”bset”, ”bclr” instructions only support “R/W” registers.
e). For detail description please refer file of “System Register Quick Reference Table”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com