Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7102IVFPR Datasheet(PDF) 8 Page - Texas Instruments

Part # THS7102IVFPR
Description  ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7102IVFPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7102IVFPR Datasheet HTML 2Page - Texas Instruments THS7102IVFPR Datasheet HTML 3Page - Texas Instruments THS7102IVFPR Datasheet HTML 4Page - Texas Instruments THS7102IVFPR Datasheet HTML 5Page - Texas Instruments THS7102IVFPR Datasheet HTML 6Page - Texas Instruments THS7102IVFPR Datasheet HTML 7Page - Texas Instruments THS7102IVFPR Datasheet HTML 8Page - Texas Instruments THS7102IVFPR Datasheet HTML 9Page - Texas Instruments THS7102IVFPR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
THS7102
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
SLOS311B− MAY 2000 − REVISED DECEMBER 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
VAG
Ci§
Ci§
VIN‡
TXINP
TXINN
1BUFIN
1BUFOUT
BUFEN
2BUFOUT
2BUFIN
RXCM
RXOUTP
RXOUTN
TXEN1
TXEN2
TXAS1
TXAF
TXAS2
TXBS2
TXBF
TXBS1
VCCON
RXPO
RXPI
RXPN
RXMN
RXMI
RXMO
VCCOP2
RxOut
RS†
VA
15 V
VB
RL
15 V
VCCL
GND
VCCOP1
THS7102
1:N
TXCM
RS†
Point A
Point A
VAG
† Output impedance of transmit driver at point A = 10 × RS
‡ Maximum input of VIN = 3 Vpp.
§ In ADSL systems, it is recommended to use Ci = 680 pF for the THS7102. For testing purposes, use Ci = 0.1 µF
Figure 3. Typical THS7102 Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com