Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U05TH44 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # U05TH44
Description  RECTIFIER SILICON DIFFUSED TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

U05TH44 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  U05TH44 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd U05TH44 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
1000V,1500V
0.5A
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
U05NH44,U05TH44
RECTIFIER SILICON DIFFUSED TYPE
Repetitive Peak Reverse Voltage: VRRM
= 1000, 1500V
Average Forward Current: IF (AV) = 0.5A
Reverse Recovery Time: trr = 4µs
Surface Mounting Plastic Mold Package
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
U05NH44
1000
Repetitive Peak Reverse
Voltage
U05TH44
VRRM
1500
V
Average Forward Current
IF (AV)
0.5
A
I
2
t Limit Value (t = 1~10ms)
I
2
t
2
A
2
s
Peak One Cycle Surge Forward
Current (Non-Repetitive)
IFSM
20 (50Hz)
A
Junction Temperature Range
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
ELECTRICAL CHARACTERISTICS
(Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Peak Forward Voltage
VFM
IFM = 0.5A
―
―
1.5
V
Repetitive Peak Reverse Current
IRRM
VRRM = Rated
―
―
10
µA
Reverse Recovery Time
trr
IF = 20mA, IR = 1mA
―
―
4
µs
(Ta = 25°C)


Similar Part No. - U05TH44

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U05TH44 TOSHIBA-U05TH44 Datasheet
184Kb / 4P
HIGH SPEED RECTIFIER APPLICATIONS (FAST RECOVERY)
logo
Shenzhen Taychipst Elec...
U05TH44 TAYCHIPST-U05TH44 Datasheet
1Mb / 2P
RECTIFIER SILICON DIFFUSED TYPE
More results

Similar Description - U05TH44

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
05GU4B48 GOOD-ARK-05GU4B48 Datasheet
68Kb / 2P
SILICON DIFFUSED JUNCTION TYPE RECTIFIER STACK
logo
Toshiba Semiconductor
U1BC44 TOSHIBA-U1BC44 Datasheet
133Kb / 3P
TOSHIBA RECTIFIER SILICON DIFFUSED JUNCTION TYPE
S5688N TOSHIBA-S5688N Datasheet
96Kb / 3P
TOSHIBA Rectifier Silicon Diffused Type
0R8GU41 TOSHIBA-0R8GU41 Datasheet
131Kb / 3P
TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
U10LC48 TOSHIBA-U10LC48 Datasheet
190Kb / 4P
TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
logo
GOOD-ARK Electronics
05B4B48 GOOD-ARK-05B4B48 Datasheet
258Kb / 2P
Silicon Diffused Type Rectifier Stack
U05B4B48 GOOD-ARK-U05B4B48 Datasheet
298Kb / 2P
Silicon Diffused Type Rectifier Stack
logo
Shenzhen Taychipst Elec...
U05NH44 TAYCHIPST-U05NH44 Datasheet
1Mb / 2P
RECTIFIER SILICON DIFFUSED TYPE
logo
Toshiba Semiconductor
CRG07 TOSHIBA-CRG07 Datasheet
252Kb / 4P
TOSHIBA Rectifier Silicon Diffused Type
1B4B41 TOSHIBA-1B4B41 Datasheet
44Kb / 2P
SILICON DIFFUSED TYPE RECTIFIER STACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com