Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL921 Datasheet(PDF) 2 Page - Texas Instruments

Part # TIL921
Description  SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL921 Datasheet(HTML) 2 Page - Texas Instruments

  TIL921 Datasheet HTML 1Page - Texas Instruments TIL921 Datasheet HTML 2Page - Texas Instruments TIL921 Datasheet HTML 3Page - Texas Instruments TIL921 Datasheet HTML 4Page - Texas Instruments TIL921 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TIL920, TIL921, TIL922, TIL920A, TIL921A, TIL922A
TIL920B, TIL921B, TIL922B
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
SOOS032−D3908, FEBRUARY 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2
schematic diagrams
1
2
A/K
K/A
4
3
E
C
1
2
1 A/K
1 K/A
8
7
1E
1C
3
4
2 A/K
2 K/A
6
5
2E
2C
1
2
1A/K
1K/A
16
15
1E
1C
3
4
2A/K
2K/A
14
13
2E
2C
5
6
3A/K
3K/A
12
11
3E
3C
7
8
4A/K
4K/A
10
9
4E
4C
TIL920
(TOP VIEW)
TIL921
(TOP VIEW)
TIL922
(TOP VIEW)
absolute maximum ratings, TA = 25°C (unless otherwise noted)
Input-to-output voltage (see Note 1)
±7.5 kV peak or dc (±5.3 kV rms)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector-emitter voltage (see Note 2)
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter-collector voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode continuous forward current at (or below) 25
°C free-air temperature (see Note 3)
±50 mA
. . . . . .
Continuous power dissipation at (or below) 25
°C free-air temperature:
Phototransistor (see Note 4)
150 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode plus phototransistor per channel (see Note 5)
200 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−55
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES: 1. This rating applies for sine-wave operation at 50 or 60 Hz. Service capability is verified by testing in accordance with UL requirements.
2. This value applies when the base-emitter diode is open circuited.
3. Derate linearly to 100
°C free-air temperature at the rate of 0.67 mA/°C.
4. Derate linearly to 100
°C free-air temperature at the rate of 2 mW/°C.
5. Derate linearly to 100
°C free-air temperature at the rate of 2.67 mW/°C.
electrical characteristics, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO Collector-emitter breakdown voltage
IC = 0.5 mA,
IF = 0
35
V
V(BR)ECO Emitter-collector breakdown voltage
IC = 100 µA,
IF = 0
7
V
IC(off)
Off-state collector current
VCE = 24 V,
IF = 0
100
nA
Current
TIL920, TIL921, TIL922
20%
CTR†
transfer
TIL920A, TIL921A, TIL922A
IF = 5 mA,
VCE = 5 V
50%
ratio
TIL920B, TIL921B, TIL922B
100%
VF†
Input diode static forward voltage
IF = 20 mA
1.4
V
VCE(sat)†
Collector-emitter saturation voltage
IF = 5 mA,
IC = 1 mA
0.4
V
Cio
Input-to-output capacitance
Vin-out = 0,
f = 1 MHz,
See Note 6
1
pF
rio
Input-to-output internal resistance
Vin-out = ±1 kV, See Note 6
1011
Ω
IC(on)1
IC(on)2
On-state collector current symmetry ratio
(see Note 7)
VCE = 5 V,
IF = 5 mA
1
3
† These parameters apply to either direction of the input current.
NOTES: 6. These parameters are measured between all input-diode leads shorted together and all phototransistor leads shorted together.
7. The higher of the two values of IC(on) generated by the two diodes is taken as IC(on)1.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com