Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602AQ Datasheet(PDF) 77 Page - SONiX Technology Company

Part # SN8P1602AQ
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AQ Datasheet(HTML) 77 Page - SONiX Technology Company

Back Button SN8P1602AQ Datasheet HTML 73Page - SONiX Technology Company SN8P1602AQ Datasheet HTML 74Page - SONiX Technology Company SN8P1602AQ Datasheet HTML 75Page - SONiX Technology Company SN8P1602AQ Datasheet HTML 76Page - SONiX Technology Company SN8P1602AQ Datasheet HTML 77Page - SONiX Technology Company SN8P1602AQ Datasheet HTML 78Page - SONiX Technology Company SN8P1602AQ Datasheet HTML 79Page - SONiX Technology Company SN8P1602AQ Datasheet HTML 80Page - SONiX Technology Company SN8P1602AQ Datasheet HTML 81Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 77
Revision 1.94
SN8P1603 External Reset Circuit Example
R3
100K
R4
100K
R5
100K
R6
100K
VCC
S1
S2
S3
S4
P1.0
P1.1
P1.2
P1.3
D1
R7
100
D2
R8
100
D3
R9
100
D4
R10
100
D5
R11
100
D6
R12
100
D7
R13
100
D8
R14
100
P2.0
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P2.1
Input Application
Output Application
R1
20K
U1
SN8P1603
P1.2
1
P1.3
2
P0.0
3
RST
4
VSS
5
P2.0
6
P2.1
7
P2.2
8
P2.3
9
P1.1
18
P1.0
17
XIN
16
XOUT
15
VDD
14
P2.7
13
P2.6
12
P2.5
11
P2.4
10
Y1
? Hz
C2
20P
C3
20P
C1
0.1uF (104)
VCC
External Reset Circuit
Bypass Cap
External Oscillator
VCC
R2
100K
VCC
Pull-up Resistor
Notice :
The SN8P1603 have built-in POR(LVD) function. It has a excellent power-on/brown-out reset performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com