Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1703AP Datasheet(PDF) 89 Page - SONiX Technology Company

Part # SN8P1703AP
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1703AP Datasheet(HTML) 89 Page - SONiX Technology Company

Back Button SN8P1703AP Datasheet HTML 85Page - SONiX Technology Company SN8P1703AP Datasheet HTML 86Page - SONiX Technology Company SN8P1703AP Datasheet HTML 87Page - SONiX Technology Company SN8P1703AP Datasheet HTML 88Page - SONiX Technology Company SN8P1703AP Datasheet HTML 89Page - SONiX Technology Company SN8P1703AP Datasheet HTML 90Page - SONiX Technology Company SN8P1703AP Datasheet HTML 91Page - SONiX Technology Company SN8P1703AP Datasheet HTML 92Page - SONiX Technology Company SN8P1703AP Datasheet HTML 93Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 89
Revision 0.5
PULL-UP RESISTERS
SN8P1702A/SN8P1703A series chips built-in pull-up resisters in port 0, port 1, port4 and port 5. User can set pull-up
register by pin
Register Name
P0UR
Address
E0H
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit’s Name
-
-
-
-
-
-
-
P00R
Read/Write
-
-
-
-
-
-
-
R/W
After reset
0
0
0
0
0
0
0
0
Register Name
P1UR
Address
E1H
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit’s Name
-
-
-
-
-
-
P11R
P10R
Read/Write
-
-
-
-
-
-
R/W
R/W
After reset
0
0
0
0
0
0
0
0
Register Name
P4UR
Address
E4H
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit’s Name
-
-
-
-
P43R
P42R
P41R
P40R
Read/Write
-
-
-
-
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
Register Name
P5UR
Address
0E0H
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit’s Name
-
-
P55R
P54R
P53R
P52R
P51R
P50R
Read/Write
-
-
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
CHIP SN8P1703A
ORG 0x10
Main:
MOV
A, #01H
B0MOV
P0UR,A
; Enable port 0.0 pull-up resisters
Example 2: Enable all pull-up resisters
CHIP SN8P1703A
ORG 0x10
Main:
MOV
A, #01H
B0MOV
P0UR,A
; Enable port 0 pull-up resisters
MOV
A, #03H
B0MOV
P1UR,A
; Enable port 1 pull-up resisters
MOV
A, #0FH
B0MOV
P4UR,A
; Enable port 4 pull-up resisters
MOV
A, #01FH
B0MOV
P5UR,A
; Enable port 5 pull-up resisters
Note:
Enable on-chip pull-up resisters of port 0 and port 1 to avoid unpredicted wakeup in sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com