Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL2575-05 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575-05
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL2575-05 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL2575-05 Datasheet HTML 5Page - Texas Instruments TL2575-05 Datasheet HTML 6Page - Texas Instruments TL2575-05 Datasheet HTML 7Page - Texas Instruments TL2575-05 Datasheet HTML 8Page - Texas Instruments TL2575-05 Datasheet HTML 9Page - Texas Instruments TL2575-05 Datasheet HTML 10Page - Texas Instruments TL2575-05 Datasheet HTML 11Page - Texas Instruments TL2575-05 Datasheet HTML 12Page - Texas Instruments TL2575-05 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
TEST CIRCUITS
TL2575-xx
Fixed Output
CIN
100
µF
+
+VIN
1
3
GND
5
D1
2
L1
330
µH
COUT
330
µF
+
4
L
O
A
D
VOUT
VIN
Unregulated
DC Input
CIN = 100 µF, Aluminum Electrolytic
COUT = 330 µF, Aluminum Electrolytic
D1 = Schottky
L1 = 330
µH (for 5-V VIN with 3.3-V VOUT, use 100 mH)
Fixed-Output Voltage
TL2575
(ADJ)
CIN
100
µF
+
+VIN
1
3
GND
5
ON/OFF
D1
11DQ06
OUTPUT
2
L1
330
µH
COUT
330
µF
+
FEEDBACK
4
L
O
A
D
VOUT
7-V to 40-V
Unregulated
DC Input
Adjustable-Output Voltage
VOUT = VREF(1 + R2/R1) = 5 V
VREF = 1.23 V
R1 = 2 kW
R2 = 6.12 kW
R2
R1
ON/OFF
OUTPUT
FEEDBACK
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
A.
Pin numbers are for the KTT (TO-263) package.
Figure 2. Test Circuits and Layout Guidelines
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com