Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1703AX Datasheet(PDF) 67 Page - SONiX Technology Company

Part # SN8P1703AX
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1703AX Datasheet(HTML) 67 Page - SONiX Technology Company

Back Button SN8P1703AX Datasheet HTML 63Page - SONiX Technology Company SN8P1703AX Datasheet HTML 64Page - SONiX Technology Company SN8P1703AX Datasheet HTML 65Page - SONiX Technology Company SN8P1703AX Datasheet HTML 66Page - SONiX Technology Company SN8P1703AX Datasheet HTML 67Page - SONiX Technology Company SN8P1703AX Datasheet HTML 68Page - SONiX Technology Company SN8P1703AX Datasheet HTML 69Page - SONiX Technology Company SN8P1703AX Datasheet HTML 70Page - SONiX Technology Company SN8P1703AX Datasheet HTML 71Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 67
Revision 0.5
TC1M MODE REGISTER
The TC1M is the timer mode register, which is an 8-bit read/write register. By loading different value into the TC1M
register, users can modify the timer counter clock frequency dynamically when program executing.
Eight rates for TC1 timer can be selected by TC1RATE0 ~ TC1RATE2 and TC1X8 bits of T0M register. If TC1X8=1 the
TC1 will faster 8 times than TC1X8=0 (Initial value). The bit7 of TC1M named TC1ENB is the control bit to start TC1
timer.
TC1M initial value = 0000 0000
0DCH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC1M
TC1ENB
TC1RATE2 TC1RATE1 TC1RATE0
0
ALOAD1
TC1OUT
PWM1OUT
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
Bit7
TC1ENB: TC1 counter/BZ1/PWM1OUT enable bit.
0 = disable,
1 = enable.
Bit[6:4]
TC1RATE[2:0]: TC1 clock source selection bits. TC1X8 is bit 3 of T0M register.
TC1 Clock Source
TC1RATE [2:0]
TC1X8 = 0
TC1X8 = 1
000
Fcpu/256 = Fosc/1024 Fosc/128
001
Fcpu/128 = Fosc/512
Fosc/64
…
…
…
110
Fcpu/4
= Fosc/16
Fosc/2
111
Fcpu/2
= Fosc/8
Fosc
Note: Fcpu = Fosc / 4
Bit2
ALOAD1: TC1 auto-reload function control bit.
0 = none auto-reload
1 = auto-reload.
Bit1
TC01UT: TC1 time-out toggle signal output control bit.
0 = to disable TC1 signal output and to enable P5.3’s I/O function,
1 = to enable TC1’s signal output and to disable P5.3’s I/O function. (Auto-disable the PWM0OUT function.)
Bit0
PWM1OUT: TC1’s PWM output control bit.
0 = to disable the PWM output,
1 = to enable the PWM output (The TC1OUT control bit must = 0)
Note: TC1 doesn’t support event counter mode because SN8P1702A and SN8P1703A hasn’t P0.1 for TC1
event counter clock input.
Note: Bit3 must set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com