Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM555QML Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM555QML
Description  LM555QML Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555QML Datasheet(HTML) 2 Page - Texas Instruments

  LM555QML Datasheet HTML 1Page - Texas Instruments LM555QML Datasheet HTML 2Page - Texas Instruments LM555QML Datasheet HTML 3Page - Texas Instruments LM555QML Datasheet HTML 4Page - Texas Instruments LM555QML Datasheet HTML 5Page - Texas Instruments LM555QML Datasheet HTML 6Page - Texas Instruments LM555QML Datasheet HTML 7Page - Texas Instruments LM555QML Datasheet HTML 8Page - Texas Instruments LM555QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM555QML
Timer
General Description
The LM555 is a highly stable device for generating accurate
time delays or oscillation. Additional terminals are provided
for triggering or resetting if desired. In the time delay mode of
operation, the time is precisely controlled by one external
resistor and capacitor. For astable operation as an oscillator,
the free running frequency and duty cycle are accurately
controlled with two external resistors and one capacitor. The
circuit may be triggered and reset on falling waveforms, and
the output circuit can source or sink up to 200mA or drive
TTL circuits.
Features
n
Direct replacement for SE555/NE555
n
Timing from microseconds through hours
n
Operates in both astable and monostable modes
n
Adjustable duty cycle
n
Output can source or sink 200 mA
n
Output and supply TTL compatible
n
Temperature stability better than 0.005% per ˚C
n
Normally on and normally off output
Applications
n
Precision timing
n
Pulse generation
n
Sequential timing
n
Time delay generation
n
Pulse width modulation
n
Pulse position modulation
n
Linear ramp generator
Ordering Information
NS Part Number
SMD Part Number
NS Package Number
Package Description
LM555H/883
H08A
8LD Metal Can
LM555J/883
J08A
8LD Ceramic Dip
Connection Diagrams
Dual-In-Line Package
Metal Can Package
20149803
Top View
20149833
Top View
July 2006
© 2006 National Semiconductor Corporation
DS201498
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com