Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL723SCA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # JL723SCA
Description  LM723JAN Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

JL723SCA Datasheet(HTML) 2 Page - Texas Instruments

  JL723SCA Datasheet HTML 1Page - Texas Instruments JL723SCA Datasheet HTML 2Page - Texas Instruments JL723SCA Datasheet HTML 3Page - Texas Instruments JL723SCA Datasheet HTML 4Page - Texas Instruments JL723SCA Datasheet HTML 5Page - Texas Instruments JL723SCA Datasheet HTML 6Page - Texas Instruments JL723SCA Datasheet HTML 7Page - Texas Instruments JL723SCA Datasheet HTML 8Page - Texas Instruments JL723SCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM723JAN
Voltage Regulator
General Description
The LM723 is a voltage regulator designed primarily for
series regulator applications. By itself, it will supply output
currents up to 150 mA; but external transistors can be added
to provide any desired load current. The circuit features
extremely low standby current drain, and provision is made
for either linear or foldback current limiting.
The LM723 is also useful in a wide range of other applica-
tions such as a shunt regulator, a current regulator or a
temperature controller.
Features
n
150 mA output current without external pass transistor
n
Output currents in excess of 10A possible by adding
external transistors
n
Input voltage 40V max
n
Output voltage adjustable from 2V to 37V
n
Can be used as either a linear or a switching regulator
Ordering Information
NS PART NUMBER
SMD PART NUMBER
NS PACKAGE NUMBER
PACKAGE DISCRIPTION
JL723BIA
JM38510/10201BIA
H10C
10LD Metal Can
JL723SCA
JM38510/10201SCA
J14A
14LD CERDIP
JL723SIA
JM38510/10201SIA
H10C
10LD Metal Can
Connection Diagrams
Dual-In-Line Package
Metal Can Package
20125802
Top View
See NS Package J14A
20125803
Note: Pin 5 connected to case.
Top View
See NS Package H10C
February 2005
© 2005 National Semiconductor Corporation
DS201258
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com