Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC11B Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC11B
Description  One Channel Direct Drive Speech Controller?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC11B Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC11B Datasheet HTML 1Page - SONiX Technology Company SNC11B Datasheet HTML 2Page - SONiX Technology Company SNC11B Datasheet HTML 3Page - SONiX Technology Company SNC11B Datasheet HTML 4Page - SONiX Technology Company SNC11B Datasheet HTML 5Page - SONiX Technology Company SNC11B Datasheet HTML 6Page - SONiX Technology Company SNC11B Datasheet HTML 7Page - SONiX Technology Company SNC11B Datasheet HTML 8Page - SONiX Technology Company SNC11B Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SNC11B
One Channel Direct Drive Speech Controller
5 FUNCTION DESCRIPTIONS
5.1. Oscillator
SNC11B accepts RC type oscillator for system clock. The typical circuit diagram for
oscillator is listed as follows.
OSC
VCC
RC Oscillator
5.2. ROM
SNC11B contains substantial 256K word (10-bit) internal ROM. Program, voices and
other data are shared with this same 256K word ROM.
5.3. RAM
SNC11B contains 64 nibble RAM. The 64 nibble RAM is divided into four pages (page
0 to page 3, 16 nibble RAM on each page). In our programming structure, users can
easily define and locate RAM page in the program. For instance, users can use the
instructions, PAGEn (n=0 to 3) to switch and indicate the RAM page. Besides, users
can use direct mode, M0 ~ M15 in the data transfer type instructions, to access all 16
nibbles of each page.
5.4. Power Down Mode
“End” instruction will power down SNC11B and enable IC to consume fewer current for
power saving. (<3uA @VDD=3V and <5uA @VDD=5V) Please be aware that when
the power down mode is activated in SNC11B, any valid data transition (L H or H L)
occurring on any input port (P1) or IO ports (P2 and P3) will lead SNC11B back to
normal operation mode.
5.5. Sampling Rate Counter
The unique sampling rate counter is designed in voice channel to be able to play
diverse voices at different sample playing rates. The playing rate can be adaptively
set up among from the wide ranges of 2.5KHz to 20KHz. This feature makes voice
close to its original source and yield the better voice quality.
Ver: 1.1
August 26, 2003
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com