Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2900C Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900C Datasheet(HTML) 2 Page - Texas Instruments

  PCM2900C Datasheet HTML 1Page - Texas Instruments PCM2900C Datasheet HTML 2Page - Texas Instruments PCM2900C Datasheet HTML 3Page - Texas Instruments PCM2900C Datasheet HTML 4Page - Texas Instruments PCM2900C Datasheet HTML 5Page - Texas Instruments PCM2900C Datasheet HTML 6Page - Texas Instruments PCM2900C Datasheet HTML 7Page - Texas Instruments PCM2900C Datasheet HTML 8Page - Texas Instruments PCM2900C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
PCM2900CDB
Rails, 47
PCM2900CDB
SSOP-28
DB
–25°C to +85°C
PCM2900C
Tape and Reel,
PCM2900CDBR
2000
PCM2902CDB
Rails, 47
PCM2902CDB
SSOP-28
DB
–25°C to +85°C
PCM2902C
Tape and Reel,
PCM2902CDBR
2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
PCM2900C/PCM2902C
UNIT
VBUS
Supply voltage
–0.3 to 6.5
V
Ground voltage differences, AGNDC, AGNDP, AGNDX, DGND, DGNDU
±0.1
V
SEL0, SEL1, TEST0 (DIN)(2)
–0.3 to 6.5
V
Digital input voltage
D+, D
–, HID0, HID1, HID2, XTI, XTO, TEST1 (DOUT)(2), SSPND
–0.3 to (VDDI + 0.3) < 4
V
VINL, VINR, VCOM, VOUTR, VOUTL
–0.3 to (VCCCI + 0.3) < 4
V
Analog input
voltage
VCCCI, VCCP1I, VCCP2I, VCCXI, VDDI
–0.3 to 4
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–40 to +125
°C
Tstg
Storage temperature
–55 to +150
°C
TJ
Junction temperature
+150
°C
Package temperature (IR reflow, peak)
+250
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
TEST0 and TEST1 apply to the PCM2900C; DIN and DOUT apply to the PCM2902C.
THERMAL INFORMATION
PCM2900C
PCM2902C
THERMAL METRIC(1)
DB
DB
UNITS
28 PINS
28 PINS
θJA
Junction-to-ambient thermal resistance
64.5
64.5
θJCtop
Junction-to-case (top) thermal resistance
24.5
24.5
θJB
Junction-to-board thermal resistance
25.4
25.4
°C/W
ψJT
Junction-to-top characterization parameter
2.0
2.0
ψJB
Junction-to-board characterization parameter
25.0
25.0
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com