Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM48L940 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L940
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L940 Datasheet(HTML) 39 Page - Texas Instruments

Back Button RM48L940 Datasheet HTML 35Page - Texas Instruments RM48L940 Datasheet HTML 36Page - Texas Instruments RM48L940 Datasheet HTML 37Page - Texas Instruments RM48L940 Datasheet HTML 38Page - Texas Instruments RM48L940 Datasheet HTML 39Page - Texas Instruments RM48L940 Datasheet HTML 40Page - Texas Instruments RM48L940 Datasheet HTML 41Page - Texas Instruments RM48L940 Datasheet HTML 42Page - Texas Instruments RM48L940 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
RM48L940
RM48L740
RM48L540
www.ti.com
SPNS175
– SEPTEMBER 2011
2.4.2.21 Supply for I/O Cells: 3.3V nominal
Table 2-42. ZWT Supply for I/O Cells: 3.3V nominal
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
VCCIO
F6
Input
-
-
Operating supply for I/Os
VCCIO
F7
VCCIO
F11
VCCIO
F12
VCCIO
F13
VCCIO
F14
VCCIO
G6
VCCIO
G14
VCCIO
H6
VCCIO
H14
VCCIO
J6
VCCIO
L14
VCCIO
M6
VCCIO
M14
VCCIO
N6
VCCIO
N14
VCCIO
P6
VCCIO
P7
VCCIO
P8
VCCIO
P9
VCCIO
P12
VCCIO
P13
VCCIO
P14
Copyright
© 2011, Texas Instruments Incorporated
Device Package and Terminal Functions
39
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com