Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM48L952 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L952
Description  RM48L952 16/32-Bit RISC Flash Microcontroller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L952 Datasheet(HTML) 21 Page - Texas Instruments

Back Button RM48L952 Datasheet HTML 17Page - Texas Instruments RM48L952 Datasheet HTML 18Page - Texas Instruments RM48L952 Datasheet HTML 19Page - Texas Instruments RM48L952 Datasheet HTML 20Page - Texas Instruments RM48L952 Datasheet HTML 21Page - Texas Instruments RM48L952 Datasheet HTML 22Page - Texas Instruments RM48L952 Datasheet HTML 23Page - Texas Instruments RM48L952 Datasheet HTML 24Page - Texas Instruments RM48L952 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
RM48L952
www.ti.com
SPNS177
– SEPTEMBER 2011
2.4.1.17 Supply for I/O Cells: 3.3V nominal
Table 2-22. PGE Supply for I/O Cells: 3.3V nominal
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
VCCIO
10
Input
-
-
Operating supply for I/Os
VCCIO
26
VCCIO
42
VCCIO
104
VCCIO
120
VCCIO
136
2.4.1.18 Ground Reference for All Supplies Except VCCAD
Table 2-23. PGE Ground Reference for All Supplies Except VCCAD
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
VSS
11
Input
-
-
Ground reference
VSS
21
VSS
27
VSS
28
VSS
43
VSS
44
VSS
47
VSS
50
VSS
56
VSS
88
VSS
102
VSS
103
VSS
115
VSS
121
VSS
122
VSS
135
VSS
138
Copyright
© 2011, Texas Instruments Incorporated
Device Package and Terminal Functions
21
Submit Documentation Feedback
focus.ti.com: RM48L952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com