Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5020A Datasheet(PDF) 2 Page - Texas Instruments

Part # REF5020A
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5020A Datasheet(HTML) 2 Page - Texas Instruments

  REF5020A Datasheet HTML 1Page - Texas Instruments REF5020A Datasheet HTML 2Page - Texas Instruments REF5020A Datasheet HTML 3Page - Texas Instruments REF5020A Datasheet HTML 4Page - Texas Instruments REF5020A Datasheet HTML 5Page - Texas Instruments REF5020A Datasheet HTML 6Page - Texas Instruments REF5020A Datasheet HTML 7Page - Texas Instruments REF5020A Datasheet HTML 8Page - Texas Instruments REF5020A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
SBOS456F
– SEPTEMBER 2008 – REVISED SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1) (2)
PRODUCT
OUTPUT VOLTAGE
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
STANDARD GRADE (8 ppm, 0.1%)
REF5020A
2.048 V
SO-8
D
RFQ5020
REF5025A
2.5 V
SO-8
D
RFQ5025
REF5030A
3.0 V
SO-8
D
RFQ5030
REF5040A
4.096 V
SO-8
D
RFQ5040
REF5045A
4.5 V
SO-8
D
RFQ5045
REF5050A
5.0 V
SO-8
D
RFQ5050
HIGH GRADE (3 ppm, 0.05%)
REF5020I
2.048 V
SO-8
D
RFQ5020
REF5025I
2.5 V
SO-8
D
PREVIEW
REF5030I
3.0 V
SO-8
D
PREVIEW
REF5040I
4.096 V
SO-8
D
PREVIEW
REF5045I
4.5 V
SO-8
D
PREVIEW
REF5050I
5.0 V
SO-8
D
PREVIEW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER
REF50xx
UNIT
Input voltage
+18
V
Output short-circuit
30
mA
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature (TJ max)
+150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
ESD RATINGS
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
VALUE
UNIT
REF5020AQDRQ1
500
REF5030AQDRQ1
1000
Human Body Model (HBM)
REF5040AQDRQ1
500
V
ESD
REF5045AQDRQ1
1000
REF5050AQDRQ1
500
Machine Model (MM)
200
V
Charged-Device Model
1000
V
2
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com