Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79520 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MCP79520
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP79520 Datasheet(HTML) 2 Page - Micro Analog systems

  MCP79520 Datasheet HTML 1Page - Micro Analog systems MCP79520 Datasheet HTML 2Page - Micro Analog systems MCP79520 Datasheet HTML 3Page - Micro Analog systems MCP79520 Datasheet HTML 4Page - Micro Analog systems MCP79520 Datasheet HTML 5Page - Micro Analog systems MCP79520 Datasheet HTML 6Page - Micro Analog systems MCP79520 Datasheet HTML 7Page - Micro Analog systems MCP79520 Datasheet HTML 8Page - Micro Analog systems MCP79520 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 2
Preliminary
 2012 Microchip Technology Inc.
Description:
The MCP795XX is a low-power Real-Time Clock/
Calendar (RTCC) that uses digital trimming compen-
sation for an accurate clock/calendar, an interrupt out-
put to support alarms and events, a power sense
circuit that automatically switches to the backup sup-
ply, nonvolatile memory for safe data storage and sev-
eral
enhanced
features
that
support
system
requirements.
Along with a low-cost 32,768 kHz crystal, this RTCC
tracks time using several internal registers and then
communicates the data over a 5 MHz SPI bus that is
fast enough to support a programmable millisecond
alarm.
The device is fully accessible through the serial inter-
face, while VCC is between 1.8V and 3.6V, but can
operate down to 1.3V through the backup supply con-
nected to the VBAT input for timekeeping and SRAM
retention only.
As part of the power sense circuit, a time saver
function is implemented to store the time when main
power is lost and again, when power is restored to log
the duration of a power failure.
Along with the on-board serial EEPROM and battery-
backed SRAM, a 128-bit protected space is available
for a unique ID. This space can be ordered
preprogrammed with a MAC address, or blank for the
user to program.
This clock/calendar automatically adjusts for months
with fewer than 31 days including corrections for leap
years. The clock operates in either 24-hour or 12-hour
format with AM/PM indicator and settable alarm(s).
Using the external crystal, the MFP pin can be set to
generate a number of output frequencies.
FIGURE 1-1:
BLOCK DIAGRAM
X1
X2
VBAT
CS
VSS
VCC
MFP
SCK
SO
SI
OSC
CLKOUT Divider
SPI
EEPROM
SRAM
TIME-STAMP
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com