Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI4510R Datasheet(PDF) 2 Page - Texas Instruments

Part # PCI4510R
Description  PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI4510R Datasheet(HTML) 2 Page - Texas Instruments

  PCI4510R Datasheet HTML 1Page - Texas Instruments PCI4510R Datasheet HTML 2Page - Texas Instruments PCI4510R Datasheet HTML 3Page - Texas Instruments PCI4510R Datasheet HTML 4Page - Texas Instruments PCI4510R Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.ti.com
DESCRIPTION
PCI4510R GVF/ZVF
SLLA239 – JUNE 2006
•
Register Bits Give Software Control of
•
PCI Power-Management D0, D1, D2, and D3
Contender Bit, Power Class Bits, Link Active
Power States
Control Bit, and IEEE Std 1394a-2000
•
Initial Bandwidth Available and Initial
Features
Channels Available Registers
•
Isochronous Receive Dual-Buffer Mode
•
PME Support per 1394 Open Host Controller
•
Out-Of-Order Pipelining for Asynchronous
Interface Specification
Transmit Requests
•
Advanced Submicron, Low-Power CMOS
•
Register Access Fail Interrupt When the PHY
Technology
SCLK Is Not Active
The Texas Instruments PCI4510R device is an integrated single-socket PC Card controller with an IEEE 1394
open host controller link-layer controller (LLC) and two-port 1394 PHY. This high performance integrated
solution provides the latest in both PC Card and IEEE 1394 technology.
The controller is compliant with PCI Local Bus Specification. Function 0 provides the independent PC Card
socket controller compliant with the latest PC Card Standards. The controller provides features that make it the
best choice for bridging between the PCI bus and PC Cards, and supports either 16-bit or CardBus PC Cards in
the socket, powered at 5 V or 3.3 V, as required.
There are no PCMCIA card and socket service software changes required to move systems from the existing
CardBus socket controller to the PCI4510R controller. The PCI4510R controller is register compatible with the
Intel 82365SL–DF ExCA controller and implements the host interface defined in the PC Card Standard. The
internal data path logic allows the host to access 8-, 16-, and 32-bit cards using full 32-bit PCI cycles for
maximum performance. Independent buffering and the pipeline architecture provides an unsurpassed
performance level with sustained bursting. The controller can be programmed to accept posted writes to improve
bus utilization. All card signals are internally buffered to allow hot insertion and removal without external
buffering.
Function 1 of the controller is an integrated IEEE 1394a-2000 open host controller interface (OHCI)
PHY/link-layer controller (LLC) device that is fully compliant with the PCI Local Bus Specification, the PCI Bus
Power Management Interface Specification, IEEE Std 1394-1995, IEEE Std 1394a-2000, and the 1394 Open
Host Controller Interface Specification. It is capable of transferring data between the 33-MHz PCI bus and the
1394 bus at 100M bits/s, 200M bits/s, and 400M bits/s. The controller provides two 1394 ports that have
separate cable bias (TPBIAS). The controller also supports the IEEE Std 1394a-2000 power-down features for
battery-operated applications and arbitration enhancements.
As required by the 1394 Open Host Controller Interface Specification and IEEE Std 1394a-2000, internal control
registers are memory-mapped and nonprefetchable. The PCI configuration header is accessed through
configuration cycles specified by PCI, and it provides plug-and-play (PnP) compatibility. Furthermore, the
controller is compliant with the PCI Bus Power Management Interface Specification as specified by the PC 2001
Design Guide requirements. The controller supports the D0, D1, D2, and D3 power states.
The controller provides PCI bus master bursting, and it is capable of transferring a cacheline of data at 132M
bytes/s after connection to the memory controller. Because PCI latency can be large, deep FIFOs are provided
to buffer the IEEE 1394 data.
The controller provides physical write posting buffers and a highly-tuned physical data path for SBP-2
performance. The controller also provides multiple isochronous contexts, multiple cacheline burst transfers,
advanced internal arbitration, and bus-holding buffers.
The PHY-layer provides the digital and analog transceiver functions needed to implement a two-port node in a
cable-based 1394 network. Each cable port incorporates two differential line transceivers. The transceivers
include circuitry to monitor the line conditions as needed for determining connection status, for initialization and
arbitration, and for packet reception and transmission.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com