Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3VMPCB Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3VMPCB
Description  MOS FET Relay Selection Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VMPCB Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3VMPCB Datasheet HTML 1Page - Omron Electronics LLC G3VMPCB Datasheet HTML 2Page - Omron Electronics LLC G3VMPCB Datasheet HTML 3Page - Omron Electronics LLC G3VMPCB Datasheet HTML 4Page - Omron Electronics LLC G3VMPCB Datasheet HTML 5Page - Omron Electronics LLC G3VMPCB Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MOS FET Relay
Selection Guide
9
(continued from previous page)
*Current Limiting Range = 150 to 300 mA
Load
Voltage
(VAC/VDC)
Contact
Form
Package
Type
No. of
Terminals
Part #
Load
Current
mA
Voltage
Withstand
(1 min.)
VAC
On
Resistance
(typ.)
W
Output
Offstate
Capacitance
(typ.)
pF
Leakage
Current
(typ.)
nA
Additional
Features
Page
Number
350
1 Form A
DIP
4
G3VM-2L
120
2,500
22
40
0.5
Current Limiting *
31
G3VM-351A
120
2,500
35
30
1.5
27
6
G3VM-351B
120
2,500
35
30
1.5
39
SMT
4
G3VM-2FL
120
2,500
22
40
0.5
Current Limiting *
31
G3VM-351D
120
2,500
35
30
1.5
27
6
G3VM-351E
120
2,500
35
30
1.5
39
SOP
4
G3VM-351G
110
1,500
35
30
1.5
177
G3VM-351G1
100
1,500
35
35
1
Low LED Trigger
181
G3VM-351GL
120
1,500
15
70
0.5
Current Limiting*
185
6
G3VM-351H
110
1,500
35
30
1.8
193
2 Form A
DIP
8
G3VM-352C
120
2,500
35
30
1.5
47
G3VM-WL
120
2,500
22
40
0.5
Current Limiting*
51
SMT
8
G3VM-352F
120
2,500
35
30
1.5
47
G3VM-WFL
120
2,500
22
40
0.5
Current Limiting*
51
SOP
8
G3VM-352J
110
1,500
35
30
1.5
201
1 Form B
DIP
4
G3VM-353A
150
2,500
15
85
10.5
35
G3VM-353A1
100
2,500
30
30
3
35
6
G3VM-353B
150
2,500
15
85
10.5
43
G3VM-353B1
100
2,500
27
30
3
43
SMT
4
G3VM-353D
150
2,500
15
85
10.5
35
G3VM-353D1
100
2,500
30
30
3
35
SMT
6
G3VM-353E
150
2,500
15
85
10.5
43
G3VM-353E1
100
2,500
27
30
3
43
SOP
4
G3VM-353G
120
1,500
15
65
10.5
189
G3VM-353G1
90
1,500
30
30
3
189
6
G3VM-353H
120
1,500
15
65
10.5
197
G3VM-353H1
90
1,500
27
30
3
197
2 Form B
DIP
8
G3VM-354C
150
2,500
15
85
10.5
55
G3VM-354C1
100
2,500
30
30
3
55
SMT
8
G3VM-354F
150
2,500
15
85
10.5
55
G3VM-354F1
100
2,500
30
30
3
55
SOP
8
G3VM-354J
120
1,500
15
65
10.5
211
G3VM-354J1
90
1,500
30
30
3
211
1 A + 1 B
DIP
8
G3VM-355C
100
2,500
40
30
6 NO, 3 NC
59
G3VM-355CR
120
2,500
15
65
1.5 NO, 10.5 NC
59
SMT
8
G3VM-355F
100
2,500
40
30
6 NO, 3 NC
59
G3VM-355FR
120
2,500
15
65
1.5 NO, 10.5 NC
59
SOP
8
G3VM-355J
90
1,500
40
30
6 NO, 3 NC
205
G3VM-355JR
120
1,500
15
65
1.5 NO, 10.5 NC
205
400
1 Form A
DIP
4
G3VM-401A
120
2,500
18
40
0.8
65
6
G3VM-401B
120
2,500
17
40
0.8
69
G3VM-401BY
120
5,000
17
40
0.4
High Dielectric
73
SMT
4
G3VM-401D
120
2,500
18
40
0.8
65
6
G3VM-401E
120
2,500
17
40
0.8
69
G3VM-401EY
120
5,000
17
40
0.4
High Dielectric
73
SOP
4
G3VM-401G
120
1,500
17
70
3
215
6
G3VM-401H
120
1,500
17
70
3
219
2 Form A
DIP
8
G3VM-402C
120
2,500
18
40
0.8
81
SMT
8
G3VM-402F
120
2,500
18
40
0.8
81
SOP
8
G3VM-402J
120
1,500
17
70
3
223
600
1 Form A
DIP
6
G3VM-601BY
100
5,000
30
120
0.5
High Dielectric
77
SMT
6
G3VM-601EY
100
5,000
30
120
0.5
High Dielectric
77
SOP
4
G3VM-601G
90
1,500
45
75
1
Low LED Trigger
227



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com