Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML05SC06D3B Datasheet(PDF) 2 Page - Seme LAB

Part # SML05SC06D3B
Description  SiC SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML05SC06D3B Datasheet(HTML) 2 Page - Seme LAB

  SML05SC06D3B Datasheet HTML 1Page - Seme LAB SML05SC06D3B Datasheet HTML 2Page - Seme LAB SML05SC06D3B Datasheet HTML 3Page - Seme LAB SML05SC06D3B Datasheet HTML 4Page - Seme LAB SML05SC06D3B Datasheet HTML 5Page - Seme LAB SML05SC06D3B Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SiC SCHOTTKY DIODE
SML05SC06D3A / SML05SC06D3B
Semelab ltd
Semelab ltd
Semelab ltd
Semelab ltd
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Document Number 9166
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Issue 2
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Page 2 of 6
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbol
Parameters
Test Conditions
Min.
Typ.
Max.
Unit
IF = 5A
TJ = 25°C
1.5
1.8
VF
(1)
Diode Forward Voltage
IF = 5A
TJ = 175°C
2.0
2.4
V
VR = 600V
TJ = 25°C
50
200
IR
Leakage Current
VR = 600V
TJ = 175°C
100
1000
µA
DYNAMIC CHARACTERISTICS
VR = 600V
IF = 5A
QC
Total Capacitive Charge
di/dt = 500A/µs
TJ = 25°C
28
nC
VR = 0V
TJ = 25°C
550
VR = 200V
TJ = 25°C
65
CT
Junction Capacitance
(f = 1.0MHz)
VR = 400V
TJ = 25°C
50
pF
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com