Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S030 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ADC0804S030
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC0804S030 Datasheet(HTML) 2 Page - Integrated Device Technology

  ADC0804S030 Datasheet HTML 1Page - Integrated Device Technology ADC0804S030 Datasheet HTML 2Page - Integrated Device Technology ADC0804S030 Datasheet HTML 3Page - Integrated Device Technology ADC0804S030 Datasheet HTML 4Page - Integrated Device Technology ADC0804S030 Datasheet HTML 5Page - Integrated Device Technology ADC0804S030 Datasheet HTML 6Page - Integrated Device Technology ADC0804S030 Datasheet HTML 7Page - Integrated Device Technology ADC0804S030 Datasheet HTML 8Page - Integrated Device Technology ADC0804S030 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
2 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Cellular base stations
4. Quick reference data
Table 1.
Quick reference data
VCCA = V3 to V4 = 4.75 V to 5.25 V; VCCD = V11 to V12 and V28 to V27 = 4.75 V to 5.25 V;
VCCO = V13 to V14 = 3.0 V to 5.25 V; AGND and DGND shorted together; Tamb = 0 C to 70 C;
typical values measured at VCCA = VCCD = 5 V and VCCO = 3.3 V, Vi(a)(p-p) = 2.0 V; CL = 15 pF and
Tamb = 25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output supply voltage
3.0
3.3
5.25
V
ICCA
analog supply current
-
18
24
mA
ICCD
digital supply current
-
16
21
mA
ICCO
output supply current
fclk = 40 MHz;
ramp input
-
1
2
mA
INL
integral non-linearity
fclk = 40 MHz
ramp input
-
0.2
0.5
LSB
DNL
differential non-linearity fclk = 40 MHz
ramp input
-
0.12
0.22
LSB
fclk(max)
maximum clock
frequency
ADC0804S030TS
30
-
-
MHz
ADC0804S040TS
40
-
-
MHz
ADC0804S050TS
50
-
-
MHz
Ptot
total power dissipation
fclk = 40 MHz;
ramp input
-
175
247
mW
5. Ordering information
Table 2.
Ordering information
Type number
Package
Sampling
frequency
(MHz)
Name
Description
Version
ADC0804S030TS
SSOP28
plastic shrink small outline package; 28 leads;
body width 5.3 mm
SOT341-1 30
ADC0804S040TS
SSOP28
plastic shrink small outline package; 28 leads;
body width 5.3 mm
SOT341-1 40
ADC0804S050TS
SSOP28
plastic shrink small outline package; 28 leads;
body width 5.3 mm
SOT341-1 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com