Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S030TS Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ADC0804S030TS
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC0804S030TS Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ADC0804S030TS Datasheet HTML 9Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 10Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 11Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 12Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 13Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 14Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 15Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 16Page - Integrated Device Technology ADC0804S030TS Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
13 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
014aaa328
−60
−100
−20
+20
amplitude
(dB)
−140
f (MHz)
0
20.0
15.0
5.00
10.0
Effective bits: 7.84; THD =
71.8 dB.
Harmonic levels (dB): 2nd =
83.19; 3rd = 78.09; 4th = 78.72; 5th = 78.33; 6th = 77.55.
Fig 7.
Typical fast Fourier transform (fclk = 40 MHz; fi = 4.43 MHz)
0
f (MHz)
20.0
25.0
15.0
5.0
10.0
014aaa329
−60
−100
−20
+20
amplitude
(dB)
−140
Effective bits: 7.79; THD =
62.96 dB.
Harmonic levels (dB): 2nd =
71.38; 3rd = 71.54; 4th = 74.14; 5th = 65.15; 6th = 77.16.
Fig 8.
Typical fast Fourier transform (fclk = 50 MHz; fi = 10 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com