Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSP01M02 Datasheet(PDF) 2 Page - Texas Instruments

Part # VSP01M02
Description  CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP01M02 Datasheet(HTML) 2 Page - Texas Instruments

  VSP01M02 Datasheet HTML 1Page - Texas Instruments VSP01M02 Datasheet HTML 2Page - Texas Instruments VSP01M02 Datasheet HTML 3Page - Texas Instruments VSP01M02 Datasheet HTML 4Page - Texas Instruments VSP01M02 Datasheet HTML 5Page - Texas Instruments VSP01M02 Datasheet HTML 6Page - Texas Instruments VSP01M02 Datasheet HTML 7Page - Texas Instruments VSP01M02 Datasheet HTML 8Page - Texas Instruments VSP01M02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
VSP01M01
VSP01M02
SBES016 – MARCH 2009 .................................................................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
VSP01M01ZWD
Tray, 360
VSP01M01ZWD(2)
BGA-100
ZWD
–25°C to +85°C
VSP01M01
VSP01M01ZWDR
Tape and Reel
VSP01M01GWD
Tray, 360
VSP01M01GWD
BGA-100
GWD
–25°C to +85°C
VSP01M01
VSP01M01GWDR
Tape and Reel
VSP01M02ZWD
Tray, 360
VSP01M02ZWD(2)
BGA-100
ZWD
–25°C to +85°C
VSP01M02
VSP01M02ZWDR
Tape and Reel
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The package is Pb-free.
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
VSP01M01, VSP01M02
UNIT
AVDD
–0.3 to +4.0
V
DRVDD
–0.3 to +4.0
V
Supply voltage
VDD5
–0.3 to +6.0
V
VL
GND to –10
V
VH
VL + 26
V
Supply voltage differences
AVDD, DRVDD
±0.1
V
Ground voltage differences
VSS
±0.1
V
Digital input voltage
–0.3 to (DVDD + 0.3)
V
Analog input voltage
–0.3 to (AVDD + 0.3)
V
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–25 to +85
°C
Storage temperature
–55 to +125
°C
Junction temperature
+150
°C
Package temperature (IR reflow, peak)
+250
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
Analog supply voltage
AVDD
2.7
3.0
3.6
V
DVDD
2.7
3.0
3.6
V
Digital supply voltage
VDD5
3.0
5.5
V
VL
–9.0
–5.0
V
Driver supply voltage
VH
11.5
15.5
V
Digital input logic family
CMOS
MCK
12
36
MHz
Digital input clock frequency
SCLK
20
MHz
Digital output load capacitance
10
pF
Operating free-air temperature
TA
–25
+85
°C
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): VSP01M01 VSP01M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com