Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20M60S Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS20M60S
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M60S Datasheet(HTML) 8 Page - STMicroelectronics

  STPS20M60S Datasheet HTML 1Page - STMicroelectronics STPS20M60S Datasheet HTML 2Page - STMicroelectronics STPS20M60S Datasheet HTML 3Page - STMicroelectronics STPS20M60S Datasheet HTML 4Page - STMicroelectronics STPS20M60S Datasheet HTML 5Page - STMicroelectronics STPS20M60S Datasheet HTML 6Page - STMicroelectronics STPS20M60S Datasheet HTML 7Page - STMicroelectronics STPS20M60S Datasheet HTML 8Page - STMicroelectronics STPS20M60S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STPS20M60S
8/9
Doc ID 019045 Rev 1
3
Ordering information
4
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
STPS20M60ST
STPS20M60ST
TO-220AB
2.2 g
50
Tube
STPS20M60SR
STPS20M60SR
I2PAK
1.49 g
50
Tube
STPS20M60SG-TR
STPS20M60SG
D2PAK
1.48 g
1000
Tape and reel
Table 9.
Revision history
Date
Revision
Changes
11-Oct-2011
1
Initial release



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com