Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS600 Datasheet(PDF) 1 Page - TDK Electronics

Part # SWS600
Description  Single Output General Purpose Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS600 Datasheet(HTML) 1 Page - TDK Electronics

  SWS600 Datasheet HTML 1Page - TDK Electronics SWS600 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
97
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
SWS300A-600 Series
Features
u Lower Cost
u Active Power Factor Correction
u Universal Input (85 - 265VAC)
u Input Transient Protected IEC61000-4
u Enclosed
u Global safety Approvals
u Level B EMI
Single Output General Purpose Power Supplies
Model
SWS300A
SWS600
Input Voltage range
(1)
-
85 - 265VAC (47 - 63Hz) or 120 - 370VDC
Inrush Current (115 / 230VAC)
A
20 / 40
Power Factor
-
Meets EN61000-3-2
Input Current (100/200VAC)
A
3.6 / 1.8A
7.2 / 3.6A
Temperature Coefficient
-
<0.02%/°C
Overcurrent Protection
-
>105%, Constant current style
Overvoltage Protection
V
Yes, cycle AC to reset
Overtemperature Protection
-
Yes, cycle AC to reset
Hold Up Time (Typ)
ms
20ms at 115/230VAC
Leakage Current (max)
mA
SWS300: 0.75mA , SWS600: 1.5mA
Remote Sense
-
None
Yes
Parallel Connection
-
None
Yes
Remote On/Off
-
None
Yes
AC Fail Signal
-
None
Yes, open collector output
LED Indicator
-
Green LED = On
Operating Temperature
°C
-10 to +65°C (See table for derating - model specific)
Storage Temperature
°C
-30 to +85°C
Humidity (non condensing)
-
30 - 90% RH operating, 10 - 95%RH non operating
Storage Humidity (non condensing)
-
10 - 95% RH
Cooling
-
Internal fan
Withstand Voltage
-
I/P to Grnd 2kVAC, I/P to O/P 3kVAC, O/P to Grnd 500VAC, O/P to CNT 100VAC for 1 min
Isolation Resistance
-
>100M at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz (sweep for 1 min)19.6m/s2 constant X, Y, Z 1 hour each plane)
Immunity
-
EN61000-4-2, -3, -4, -5, -6, -8, -11
Safety Agency Approvals
-
UL60950, CSA60950, EN60950, EN50178, CE Mark
Conducted & Radiated EMI
-
EN55011 / EN55022-B, FCC Class B
Recommended EMI Filter
-
RSAL2006
RSAN2010
Weight (Typ)
g
950
2000
Size (WxHxD)
in
2.05 x 4.01 x 7.8”
3.62 x 4.72 x 7.48”
Warranty
yrs
Two Years
(1) Derate linearly to 85% load from 115VAC to 85VAC input (derate to 90% load for SWS600-3 & -5)
Specifications
Key Market Segments & Applications


Similar Part No. - SWS600

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
Single Output Low Profi le Power Supplies
SWS600L-12 TDK-SWS600L-12 Datasheet
397Kb / 2P
Single Output Low Profi le Power Supplies
SWS600L-12 TDK-SWS600L-12 Datasheet
160Kb / 1P
AC-DC Power Supplies
SWS600L-15 TDK-SWS600L-15 Datasheet
397Kb / 2P
Single Output Low Profi le Power Supplies
SWS600L-15 TDK-SWS600L-15 Datasheet
160Kb / 1P
AC-DC Power Supplies
More results

Similar Description - SWS600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W72 ETC1-W72 Datasheet
104Kb / 2P
Single Output Regulated Power Supplies
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
Single Output Industrial Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
Single Output General Purpose Power Supplies
MRW TDK-MRW Datasheet
355Kb / 10P
Power Supplies AC Input Multi Output, General-Purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com