Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3PD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AS3PD
Description  High Current Density Standard Avalanche
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS3PD Datasheet(HTML) 3 Page - Vishay Siliconix

  AS3PD_12 Datasheet HTML 1Page - Vishay Siliconix AS3PD_12 Datasheet HTML 2Page - Vishay Siliconix AS3PD_12 Datasheet HTML 3Page - Vishay Siliconix AS3PD_12 Datasheet HTML 4Page - Vishay Siliconix AS3PD_12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
AS3PD thru AS3PM
www.vishay.com
Vishay General Semiconductor
Revision: 13-Jul-11
3
Document Number: 88837
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Mayimum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
Mount Temperature (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
175
T
M = 160 °C
T
A = 25 °C
T
M Measured
at the Cathode Band Terminal
Average Forward Current (A)
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Instantaneous Forward Voltage (V)
0.1
1
10
100
0.4 0.5 0.6 0.7 0.8 0.9 1.0
1.1 1.2 1.3 1.4 1.5
T
A = 125 °C
T
A = 75 °C
T
A = 25 °C
T
A = 175 °C
Percent of Rated Peak Reverse Voltage (%)
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
T
A = 125 °C
T
A = 25 °C
T
A = 75 °C
T
A = 175 °C
Reverse Voltage (V)
1
10
100
1000
0.1
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
t - Pulse Duration (s)
1
10
100
0.01
0.1
1
10
100
Junction to Ambient



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com