Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSTI1OP-563-C1-R0 Datasheet(PDF) 13 Page - Texas Instruments

Part # ATSTI1OP-563-C1-R0
Description  TAS5612L-TAS5614LDDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ATSTI1OP-563-C1-R0 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ATSTI1OP-563-C1-R0 Datasheet HTML 9Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 10Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 11Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 12Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 13Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 14Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 15Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 16Page - Texas Instruments ATSTI1OP-563-C1-R0 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
www.ti.com
Appendix A
Table 4. Bill of Materials for TAS5614LDDVEVM (continued)
Manu Part No.
Qty.
Ref Des
Vendor Part No.
Description
Vendor
Manu.
RESISTORS
RMCF0402ZT0R00
2
R12, R13
RMCF0402ZT0R00CT
ZERO OHM JUMPER SMT 0402 0 OHM
Digi-Key
Stackpole
1/16W,5% ROHS
Electronics
ERJ-3GEY0R00V
1
R51
P0.0GCT
RESISTOR SMD0603 0.0 OHM 5% THICK
Digi-Key
Panasonic
FILM 1/10W ROHS
ERJ-3GEYJ1R0V
1
R50
P1.0GCT
RESISTOR SMD0603 1.0 OHMS 1%
Digi-Key
Panasonic
THICK FILM 1/10W ROHS
ERJ-3GEYJ3R3V
8
R1, R7, R8, R9,
P3.3GCT
RESISTOR SMD0603 3.3 OHMS 5% 1/10W Digi-Key
Panasonic
R10, R11, R14,
ROHS
R60
ERJ-3GEYJ470V
19
R27, R28, R29,
P47GCT
RESISTOR SMD0603 47 OHMS 5% 1/10W
Digi-Key
Panasonic
R30, R31, R32,
ROHS
R33, R34, R35,
R36, R37, R38,
R39, R40, R54,
R55, R56, R57,
R58
CRCW0603100RFKEA
3
R4, R5, R6
541-100HCT
RESISTOR SMD0603 100 OHM 1/10W 1%
Digi-Key
Vishay
ROHS
ERJ-3GEYJ471V
2
R48, R49
P470GCT
RESISTOR SMD0603 470 OHMS 5%
Digi-Key
Panasonic
1/10W ROHS
ERJ-3GEYJ472V
4
R61, R62, R63,
P4.7KGCT
RESISTOR SMD0603 4.7K OHMS 5%
Digi-Key
Panasonic
R65
1/10W ROHS
ERJ-3EKF1002V
14
R20, R21, R22,
P10.0KHCT
RESISTOR SMD0603 10.0K 1% THICK
Digi-Key
Panasonic
R23, R24, R25,
FILM 1/10W ROHS
R26, R41, R42,
R43, R44, R45,
R46, R47
RMCF0603FT15K0
1
R52
RMCF0603FT15K0CT
RESISTOR SMD0603 15.0K OHMS 1%
Digi-Key
Stackpole
1/10W ROHS
Electronics
RC0603FR-0718KL
1
R53
311-18.0KHRCT
RESISTOR SMD0603 THICK FILM 18.0K
Digi-Key
Yageo
OHMS 1% 1/10W ROHS
RC0603FR-0730KL
1
R2
311-30.0KHRCT
RESISTOR SMD0603 THICK FILM 30.0K
Digi-Key
Yageo
1% 1/10W ROHS
ERJ-3GEYJ473V
1
R3
P47KGCT
RESISTOR SMD0603 47K OHMS 5%
Digi-Key
Panasonic
1/10W ROHS
INDUCTORS
MA5172-AE
4
L1, L2, L3, L4
MA5172-AE
SHIELDED POWER INDUCTOR 10uH 10A
Coil Craft
Coil Craft
ROHS
HEADERS
N2526-6002-RB
1
J1
MHC26K-ND
HEADER SHROUDED 100LS MALE GOLD
Digi-Key
3M
2X13 PINS ROHS
PBC02SAAN
1
JP1
S1011E-02-ND
HEADER THRU MALE 2 PIN 100LS GOLD
Digi-Key
Sullins
ROHS
PBC03SAAN
3
C, D, M3
S1011E-03-ND
HEADER THRU MALE 3 PIN 100LS GOLD
Digi-Key
Sullins
ROHS
TESTPOINTS AND SWITCHES
5003
1
ET2
5003K
PC TESTPOINT, ORANGE, ROHS
Digi-Key
Keystone
Electronics
G12AP-RO
1
S1
360-1758
SWITCH THRU SPDT STRAIGHT ULTRA
Digi-Key
NKK
MINIATURE ROHS
BINDING POSTS
5018-0
3
GND, LOUT-,
565-5018-0
BINDING POST, BLACK 60V 30A GOLD
Mouser
Pomona
ROUT-
ROHS
5018-2
3
PVDD, LOUT+,
565-5018-2
BINDING POST, RED 60V 30A GOLD
Mouser
Pomona
ROUT+
ROHS
SHUNTS
SPC02SYAN
4
JP1, C(1-2),
S9001
SHUNT, BLACK AU FLASH 0.100LS
Digi-Key
Sullins
D(1-2), M3(1-2)
HEAT SINKS AND HARDWARE
ATSTI1OP-563-C1-R0
1
HS1
ATSTI1OP-563-C1-R0
HEATSINK ALUMINUM ATS 36x54mm
ATS
ATS
36.8mm PITCH ROHS
13
SLAU375 – May 2012
Design Information
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com