Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR310 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCR310
Description  Silicon Controlled Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR310 Datasheet(HTML) 2 Page - Motorola, Inc

  MCR310 Datasheet HTML 1Page - Motorola, Inc MCR310 Datasheet HTML 2Page - Motorola, Inc MCR310 Datasheet HTML 3Page - Motorola, Inc MCR310 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCR310 Series
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C, RGK = 1 kΩ unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Forward Blocking Current(1)
TC = 110°C
(TJ = 110°C, VD = Rated VDRM)
TC = 25°C
IDRM
—
—
—
—
500
10
µA
µA
Peak Reverse Blocking Current(1)
TC = 110°C
(TJ = 110°C, VR = Rated VRRM)
TC = 25°C
IRRM
—
—
—
—
500
10
µA
µA
On-State Voltage
(ITM = 20 A Peak, Pulse Width p 1 ms, Duty Cycle p 2%)
VTM
—
1.7
2.2
Volts
Gate Trigger Current, Continuous dc(2)
(VD = 12 V, RL = 100 Ω)
IGT
—
30
200
µA
Gate Trigger Voltage, Continuous dc
(VD = 12 V, RL = 100 Ω)
(VD = Rated VDRM, RL = 10 kΩ, TJ = 110°C)
VGT
—
0.1
0.5
—
1.5
—
Volts
Holding Current
(VD = 12 V, ITM = 100 mA)
IH
—
—
6
mA
Critical Rate of Rise of Forward Blocking Voltage
(VD = Rated VDRM, TJ = 110°C, Exponential Waveform)
dv/dt
—
10
—
V/
µs
Gate Controlled Turn-On Time
(VD = Rated VDRM, ITM = 20 A, IG = 2 mA)
tgt
—
1
—
µs
1. Ratings apply for negative gate voltage or RGK = 1 kΩ. Devices shall not have a positive gate voltage concurrently with a negative voltage
on the anode. Devices should not be tested with a constant current source for forward and reverse blocking capability such that the voltage
applied exceeds the rated blocking voltage.
2. Does not include RGK current.
Figure 1. Average Current Derating
Figure 2. On-State Power Dissipation
Figure 3. Normalized Gate Current
Figure 4. Gate Voltage
0.3
120
0.5
1
2
–40
–20
0
20
40
60
80
90
100
3
140
VD = 12 Vdc
8
TJ, JUNCTION TEMPERATURE (°C)
0
2
4
110
6
70
80
90
100
10
120
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
α = 30°
180
°
dc
α = CONDUCTION ANGLE
0.6
α
0.1
0.2
0.3
0.4
0.5
40
0.7
–60
–40
–20
0
100
20
60
80
120
VD = 12 Vdc
0
2
4
6
8
16
TJ, JUNCTION TEMPERATURE (°C)
0
4
8
12
20
α
α = CONDUCTION ANGLE
10
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
90
°
180
°
dc
60
°
α = 30°
60
°
90
°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com