Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM25DF25K33 Datasheet(PDF) 2 Page - Protek Devices

Part # PAM25DF25K33
Description  5000 watt TVS Comp onent
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM25DF25K33 Datasheet(HTML) 2 Page - Protek Devices

  PAM25DF25K33 Datasheet HTML 1Page - Protek Devices PAM25DF25K33 Datasheet HTML 2Page - Protek Devices PAM25DF25K33 Datasheet HTML 3Page - Protek Devices PAM25DF25K33 Datasheet HTML 4Page - Protek Devices PAM25DF25K33 Datasheet HTML 5Page - Protek Devices PAM25DF25K33 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05371.R0 2/12
Page 2
PAM25DF25K33 & PAM25DF25K36
tyPiCAl DeViCe ChARACteRiStiCS
MAXiMuM RAtingS @ 25°C unless otherwise Specified
PARAMeteR
SyMBol
VAlue
unitS
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
5,000
Watts
Storage Temperature
T
STG
-55 to +150
°C
Operating Temperature
T
L
-55 to +150
°C
eleCtRiCAl ChARACteRiStiCS PeR line @ 25°C unless otherwise Specified
PARt
nuMBeR
MARKing
CoDe
RAteD
StAnD-oFF
VoltAge
V
wM
VoltS
MiniMuM
BReAKDown
VoltAge
MAXiMuM
leAKAge
CuRRent
@V
wM
i
D
µA
MAXiMuM
ClAMPing
VoltAge
(Fig. 2)
@ 10/1000µS
V
C @ iPP
Min
V
(BR)
VoltS
@i
t
mA
PAM25DF25K33
5U33
33
36.8
5
8
53.3V @ 94.0A
PAM25DF25K36
5U36
36
40.2
5
8
58.1V @ 86.0A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com